Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP07VK/8 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP07VK/8
Description  7.5mm high power vertical rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP07VK/8 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP07VK/8 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
41
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
7.5mm high po w er v ertical rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole pre-assembled
• Moulded in green UL94-V0 flame retardant
PA66
• Professional rising clamp terminals
• Cable acceptance - 0.13-3.31mm2 (26-12AWG)
• Guided pin alignment
• Captive screw
• C
US approved
SPECIFICATION
Rating
UL=20A/300V, IEC=24A/250V
Impulse withstand
voltage
2.0kV/1min
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tinned, nickel plated brass
Rising clamp
Tinned, nickel plated brass
Screw/torque
M3 steel zinc plated, 0.5Nm
Recommended PCB
hole size
ø1.5mm
KEY FEATURES
High po w er | Double int erlock mechanism | Pr of es sional rising clamp
CTBP07VK
PART NO.
POLES
LENG TH
CTBP07VK/2
2
15mm
CTBP07VK/3
3
22.5mm
CTBP07VK/4
4
30mm
CTBP07VK/5
5
37.5mm
CTBP07VK/6
6
45mm
CTBP07VK/7
7
52.5mm
CTBP07VK/8
8
60mm
CTBP07VK/9
9
67.5mm
CTBP07VK/10
10
75mm
CTBP07VK/11
11
82.5mm
CTBP07VK/12
12
90mm
7.50(xx-1)
PCB layout
7.50
Ø1.50
5.50
0.80
7.50(xx-1)
7.50
1.00
0.50
7.50xx
0.50
3.75
4.25


Similar Part No. - CTBP07VK/8

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP07VL CAMDENBOSS-CTBP07VL Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/10 CAMDENBOSS-CTBP07VL/10 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/11 CAMDENBOSS-CTBP07VL/11 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/12 CAMDENBOSS-CTBP07VL/12 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP07VL/2 CAMDENBOSS-CTBP07VL/2 Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
More results

Similar Description - CTBP07VK/8

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB33-2 DUBILIER-DBCTB33-2 Datasheet
109Kb / 1P
TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
logo
CamdenBoss Ltd.
CTBP04VY CAMDENBOSS-CTBP04VY Datasheet
420Kb / 1P
6.35mm pitch high power rising clamp terminal blocks
CTBP04VZ CAMDENBOSS-CTBP04VZ Datasheet
408Kb / 1P
9.5mm pitch high power rising clamp terminal blocks
CTBP07VL CAMDENBOSS-CTBP07VL Datasheet
368Kb / 1P
7.62mm pitch high power rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0700 CAMDENBOSS-CTBP0700 Datasheet
364Kb / 1P
5mm high power vertical rising clamp terminal blocks
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com