Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP92VG Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP92VG
Description  5mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP92VG Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP92VG Datasheet HTML 1Page - CamdenBoss Ltd. CTBP92VG Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
63
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
PART NO.
POLES
LENG TH
CTBP9300/2
2
11.4mm
CTBP9300/3
3
16.4mm
CTBP9300/4
4
21.4mm
CTBP9300/5
5
26.4mm
CTBP9300/6
6
31.4mm
CTBP9300/7
7
36.4mm
CTBP9300/8
8
41.4mm
CTBP9300/9
9
46.4mm
CTBP9300/10
10
51.4mm
CTBP9300/11
11
56.4mm
CTBP9300/12
12
61.4mm
PART NO.
POLES
LENG TH
CTBP9350/2
2
11.4mm
CTBP9350/3
3
16.4mm
CTBP9350/4
4
21.4mm
CTBP9350/5
5
26.4mm
CTBP9350/6
6
31.4mm
CTBP9350/7
7
36.4mm
CTBP9350/8
8
41.4mm
CTBP9350/9
9
46.4mm
CTBP9350/10
10
51.4mm
CTBP9350/11
11
56.4mm
CTBP9350/12
12
61.4mm
CTBP9350
CTBP9300
PART NO.
POLES
LENG TH
CTBP9300/2AO
2
10mm
CTBP9300/3AO
3
15mm
CTBP9300/4AO
4
20mm
CTBP9300/5AO
5
25mm
CTBP9300/6AO
6
30mm
CTBP9300/7AO
7
35mm
CTBP9300/8AO
8
40mm
CTBP9300/9AO
9
45mm
CTBP9300/10AO
10
50mm
CTBP9300/11AO
11
55mm
CTBP9300/12AO
12
60mm
PART NO.
POLES
LENG TH
CTBP9350/2AO
2
10mm
CTBP9350/3AO
3
15mm
CTBP9350/4AO
4
20mm
CTBP9350/5AO
5
25mm
CTBP9350/6AO
6
30mm
CTBP9350/7AO
7
35mm
CTBP9350/8AO
8
40mm
CTBP9350/9AO
9
45mm
CTBP9350/10AO
10
50mm
CTBP9350/11AO
11
55mm
CTBP9350/12AO
12
60mm
CTBP9350 AO
CTBP9300 AO
5
7.8
8.5
1
3.9
7.8
4
8.5
5
1
7.8
8.5
3.9
5
1
7.8
4
8.5
5
1
PCB mounting male v ertical c onnect or ( closed ended)
PCB mounting male horiz ontal c onnect or ( closed ended)
PCB mounting male v ertical c onnect or ( open ended)
PCB mounting male horiz ontal c onnect or ( open ended)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com