Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP92HE/11 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP92HE/11
Description  3.81mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP92HE/11 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP92HE/11 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP92HE/11 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
66
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
PART NO.
POLES
LENG TH
CTBP93HE/2
2
8.4mm
CTBP93HE/3
3
12.2mm
CTBP93HE/4
4
16.0mm
CTBP93HE/5
5
19.8mm
CTBP93HE/6
6
23.7mm
CTBP93HE/7
7
27.5mm
CTBP93HE/8
8
31.3mm
CTBP93HE/9
9
35.1mm
CTBP93HE/10
10
38.9mm
CTBP93HE/11
11
42.7mm
CTBP93HE/12
12
46.5mm
CTBP93HE
PART NO.
POLES
LENG TH
CTBP93VE/2
2
8.4mm
CTBP93VE/3
3
12.2mm
CTBP93VE/4
4
16.0mm
CTBP93VE/5
5
19.8mm
CTBP93VE/6
6
23.7mm
CTBP93VE/7
7
27.5mm
CTBP93VE/8
8
31.3mm
CTBP93VE/9
9
35.1mm
CTBP93VE/10
10
38.9mm
CTBP93VE/11
11
42.7mm
CTBP93VE/12
12
46.5mm
CTBP93VE
1.2
3.81
9.2
3.4
3.81
9.2
A S SOCIATED PRODUCT S
CTB9 2HE, CTB9 2VE S and CTBP9 2VE R can be r eplac ed with a scr e wles s type t erminal
block f or a r educ ed as sembly time .
CS TBP9 2HE
-
page 7 8
PCB mounting male horiz ontal c onnect or ( closed ended)
PCB mounting male v ertical c onnect or ( closed ended)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com