Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2126CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2126CSZ Datasheet HTML 3Page - Intersil Corporation EL2126CSZ Datasheet HTML 4Page - Intersil Corporation EL2126CSZ Datasheet HTML 5Page - Intersil Corporation EL2126CSZ Datasheet HTML 6Page - Intersil Corporation EL2126CSZ Datasheet HTML 7Page - Intersil Corporation EL2126CSZ Datasheet HTML 8Page - Intersil Corporation EL2126CSZ Datasheet HTML 9Page - Intersil Corporation EL2126CSZ Datasheet HTML 10Page - Intersil Corporation EL2126CSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN7046.3
April 16, 2007
Typical Performance Curves (Continued)
Inverting Frequency Response for Various Gain
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Inverting Frequency Response for Various RF
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Non-Inverting Frequency Response for Various
Output Signal Levels
10
6
2
-2
-6
-10
1M
10M
100M
Frequency (Hz)
Non-Inverting Frequency Response for Various
Output Signal Levels
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Inverting Frequency Response for Various Output
Signal Levels
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
Inverting Frequency Response for Various Output
Signal Levels
8
4
0
-4
-8
-12
1M
10M
100M
Frequency (Hz)
VS=±5V
CL=5pF
RG=35Ω
AV=-10
AV=-20
AV=-50
VS=±15V
CL=5pF
RG=20Ω
AV=-10
AV=-20
AV=-50
VS=±5V
CL=5pF
RL=500Ω
RF=180Ω
AV=10
VO=2.5VPP
VO=5VPP
VO=1VPP
VO=30mVPP
VO=500mVPP
VS=±15V
CL=5pF
RL=500Ω
RF=180Ω
AV=10
VO=5VPP
VO=1VPP
VO=2.5VPP
VO=30mVPP
VO=500mVPP
VO=10VPP
VS=±5V
CL=5pF
RL=500Ω
RF=350Ω
AV=10
VO=3.4VPP
VO=1VPP
VO=2.5VPP
VO=30mVPP
VO=500mVPP
VS=±15V
CL=5pF
RL=500Ω
RF=200Ω
AV=10
VO=3.4VPP
VO=1VPP
VO=2.5VP
VO=30mVPP
VO=500mVPP
VO=2.5VPP
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com