Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4583CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4583CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL4583CS Datasheet HTML 1Page - Intersil Corporation EL4583CS Datasheet HTML 2Page - Intersil Corporation EL4583CS Datasheet HTML 3Page - Intersil Corporation EL4583CS Datasheet HTML 4Page - Intersil Corporation EL4583CS Datasheet HTML 5Page - Intersil Corporation EL4583CS Datasheet HTML 6Page - Intersil Corporation EL4583CS Datasheet HTML 7Page - Intersil Corporation EL4583CS Datasheet HTML 8Page - Intersil Corporation EL4583CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN7173.2
May 5, 2006
Typical Performance Curves (Continued)
Package Power Dissipation vs Ambient
Temperature
JEDEC JESD51-3 Low Effective Thermal
Conductivity Test Board
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
025
50
75
100
125
150
Ambient Temperature (°C)
85
1.54W
PDIP16
θJA=81°C/W
1.136W
SO16 (0.150”)
θJA=110°C/W
2
1.8
1.6
1.4
1.2
1
0.8
0.4
0.2
0
0.6
025
50
75
100
125
150
Ambient Temperature (°C)
Package Power Dissipation vs Ambient
Temperature
JEDEC JESD51-7 High Effective Thermal
Conductivity Test Board
1.786W
1.563W
SO16 (0.150”)
θJA=80°C/W
PDIP16
θJA=70°C/W
EL4583



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com