Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD005-0603-R Datasheet(PDF) 1 Page - RFE international

Part # FSMD005-0603-R
Description  Surface Mountable PTC Resettable Fuse: FSMD0603 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD005-0603-R Datasheet(HTML) 1 Page - RFE international

  FSMD005-0603-R Datasheet HTML 1Page - RFE international FSMD005-0603-R Datasheet HTML 2Page - RFE international FSMD005-0603-R Datasheet HTML 3Page - RFE international FSMD005-0603-R Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ35-101E
Product Specification and Approval Sheet Version 1 Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/08
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) Product Features: Small surface mountable, Solid state, Faster time to trip than
standard SMD devices, Lower resistance than standard SMD devices
(d) Operation Current: 0.01A~0.25A
(e) Maximum Voltage: 9V~60VDC
(f) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max.
Current
Typical
Power
Max. Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
A
Sec.
Ohm
Ohm
FSMD001-0603-R
0.01
0.03
60
40
0.5
0.20
1.00
15.00
100.00
FSMD002-0603-R
0.02
0.06
60
40
0.5
0.20
1.00
12.00
70.00
FSMD003-0603-R
0.03
0.09
30
40
0.5
0.20
1.00
6.00
50.00
FSMD004-0603-R
0.04
0.12
24
40
0.5
0.20
1.00
4.00
40.00
FSMD005-0603-R
0.05
0.15
15
40
0.5
0.50
0.10
3.80
30.00
FSMD008-0603-R
0.08
0.20
15
40
0.5
0.60
0.10
2.80
14.00
FSMD010-0603-R
0.10
0.25
15
40
0.5
0.70
0.10
0.90
8.00
FSMD012-0603-R
0.12
0.30
9
40
0.5
0.80
0.10
1.10
5.80
FSMD016-0603-R
0.16
0.40
9
40
0.5
1.00
0.10
1.00
4.20
FSMD020-0603-R
0.20
0.45
9
40
0.5
2.00
0.10
0.55
3.50
FSMD025-0603-R
0.25
0.55
9
40
0.5
8.00
0.08
0.50
3.00
IH=Hold current-maximum current at which the device will not trip at 23℃still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at it rated current (IMAX).
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23℃ measured 1 hour after tripping or reflow soldering of 260℃ for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure Tin


Similar Part No. - FSMD005-0603-R

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSMD005-0603-R FUZETEC-FSMD005-0603-R Datasheet
182Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
More results

Similar Description - FSMD005-0603-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
Surface Mountable PTC Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD001-0603-R FUZETEC-FSMD001-0603-R Datasheet
182Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
FSMD025-0603RZ FUZETEC-FSMD025-0603RZ Datasheet
169Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD0603 Series
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
Surface Mountable PTC Resettable Fuse : FSMD20
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
Surface Mountable PTC Resettable Fuse
logo
RFE international
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com