Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD010-1210-R Datasheet(PDF) 2 Page - RFE international

Part # FSMD010-1210-R
Description  Surface Mount PPTC Resettable Fuse: FS MD121 0 Se ries
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD010-1210-R Datasheet(HTML) 2 Page - RFE international

  FSMD010-1210-R Datasheet HTML 1Page - RFE international FSMD010-1210-R Datasheet HTML 2Page - RFE international FSMD010-1210-R Datasheet HTML 3Page - RFE international FSMD010-1210-R Datasheet HTML 4Page - RFE international FSMD010-1210-R Datasheet HTML 5Page - RFE international FSMD010-1210-R Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4. FSMD Product Dimensions (Millimeters)
Part
Number
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
FSMD005-1210-R
3.00
3.43
2.35
2.80
0.60
1.15
0.25
0.75
0.10
0.45
FSMD010-1210-R
3.00
3.43
2.35
2.80
0.60
1.15
0.25
0.75
0.10
0.45
FSMD020-1210-R
3.00
3.43
2.35
2.80
0.40
0.85
0.25
0.75
0.10
0.45
FSMD035-1210-R
3.00
3.43
2.35
2.80
0.40
0.80
0.25
0.75
0.10
0.45
FSMD050-1210-R
3.00
3.43
2.35
2.80
0.30
0.75
0.25
0.75
0.10
0.45
FSMD075-1210-R
3.00
3.43
2.35
2.80
0.30
0.70
0.25
0.75
0.10
0.45
FSMD075-24-1210R 3.00
3.43
2.35
2.80
0.80
1.20
0.25
0.75
0.10
0.45
FSMD110-1210R
3.00
3.43
2.35
2.80
0.60
1.00
0.25
0.75
0.10
0.45
FSMD110-16-1210R 3.00
3.43
2.35
2.80
0.60
1.00
0.25
0.75
0.10
0.45
FSMD150-1210R
3.00
3.43
2.35
2.80
0.50
0.90
0.25
0.75
0.10
0.45
FSMD175-1210R
3.00
3.43
2.35
2.80
0.80
1.40
0.25
0.75
0.10
0.45
FSMD200-1210R
3.00
3.43
2.35
2.80
0.80
1.40
0.25
0.75
0.10
0.45
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (
)
FSMD1210 Series
NO.
PQ19-01ER
Surface Mount PPTC Resettable Fuse:
FSMD1210 Series
DEC-19-2023
Page 2 of 6
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com