Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD025-1206-R Datasheet(PDF) 3 Page - RFE international

Part # FSMD025-1206-R
Description  Surface Mountable PTC Resettable Fuse: FSMD1206 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD025-1206-R Datasheet(HTML) 3 Page - RFE international

  FSMD025-1206-R Datasheet HTML 1Page - RFE international FSMD025-1206-R Datasheet HTML 2Page - RFE international FSMD025-1206-R Datasheet HTML 3Page - RFE international FSMD025-1206-R Datasheet HTML 4Page - RFE international FSMD025-1206-R Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NO.
PQ18-01ER
Product Specification and Approval Sheet Version 1 Page 3/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/25
5. Thermal Derating Curve
6. Typical Time-To-Trip at 23℃
0.01
0.1
1
10
100
0.1
1
10
100
Fault current(A)
A B C D E F G
H I J K L
Z
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃ )
FSMD1206 Series
Z= FSMD005-1206-R
A= FSMD010-1206-R
B= FSMD012-1206-R
C= FSMD016-1206-R
D= FSMD020-1206-R
E= FSMD025-1206-R /
E= 025-24-1206-R
F= FSMD035-1206-R /
F= 035-30-1206R
G= FSMD050-1206-R /
050-24-1206R
H= FSMD075-1206R /
H= 075-16-1206R
I= FSMD100-1206R
J= FSMD110-1206R /
J= 110-16-1206R
K= FSMD150-1206R
L= FSMD200-1206R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com