Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD014-R Datasheet(PDF) 3 Page - RFE international

Part # FSMD014-R
Description  Surface Mountable PTC Resettable Fuse: FSMD1812 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD014-R Datasheet(HTML) 3 Page - RFE international

  FSMD014-R Datasheet HTML 1Page - RFE international FSMD014-R Datasheet HTML 2Page - RFE international FSMD014-R Datasheet HTML 3Page - RFE international FSMD014-R Datasheet HTML 4Page - RFE international FSMD014-R Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NO.
PQ04-01ER
Product Specification and Approval Sheet Version 1 Page 3/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/23
FSMD260-13R
4.37
4.73
3.07
3.41
0.80
1.55
0.25
0.95
0.25
0.65
FSMD260-16R
4.37
4.73
3.07
3.41
0.80
1.55
0.25
0.95
0.25
0.65
FSMD300R
4.37
4.73
3.07
3.41
0.80
1.55
0.25
0.95
0.25
0.65
5. Thermal Derating Curve
6. Typical Time-To-Trip at 23℃
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (A)
A = FSMD010-R
B = FSMD014-R
C = FSMD020-R / 020-60-R
D = FSMD030-R
E = FSMD035-R / 035-30-R
F = FSMD050-R / 050-30-R
G = FSMD075-R / 075-24R /
075-33R
H = FSMD110-R / 110-16-R /
110-24R / 110-33R
I = FSMD125-R / 125-16R
J = FSMD150-R / 150-12R /
150-24R
K = FSMD160-R / 160-12R /
160-16R / 160-24R
L = FSMD200R / 200-16R
M = FSMD260R / 260-13R /
260-16R
N = FSMD300R
AB C
D E F G HIJ K LM N
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FSMD Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com