Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD030-R Datasheet(PDF) 1 Page - RFE international

Part # FSMD030-R
Description  Surface Mountable PTC Resettable Fuse: FSMD1812 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD030-R Datasheet(HTML) 1 Page - RFE international

  FSMD030-R Datasheet HTML 1Page - RFE international FSMD030-R Datasheet HTML 2Page - RFE international FSMD030-R Datasheet HTML 3Page - RFE international FSMD030-R Datasheet HTML 4Page - RFE international FSMD030-R Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NO.
PQ04-01ER
Product Specification and Approval Sheet Version 1 Page 1/5
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/23
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
1. Summary
(a) RoHS Compliant & Halogen Free
(b) Applications: All high-density boards
(c) Product Features: Small surface mountable, Solid state, Faster time to trip than
standard SMD devices, Lower resistance than standard SMD devices
(d) Operation Current: 0.10A~3.00A
(e) Maximum Voltage: 6V~60VDC
(f) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50004084, R50090556
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Rated
Voltage
Max.
Current
Typical
Power
Max. Time to Trip
Resistance
Current
Time
RMIN
R1MAX
IH, A
IT, A
VMAX, VDC
IMAX, A
Pd, W
Amp
Sec
Ohm
Ohm
FSMD010-R
0.10
0.30
60.0
100
0.8
8.0
0.020
1.600
15.000
FSMD014-R
0.14
0.30
60.0
100
0.8
8.0
0.008
1.200
6.500
FSMD020-R
0.20
0.40
30.0
100
0.8
8.0
0.020
0.800
5.000
FSMD020-60-R
0.20
0.40
60.0
100
0.8
8.0
0.020
0.800
5.000
FSMD030-R
0.30
0.60
30.0
100
0.8
8.0
0.100
0.200
1.750
FSMD035-R
0.35
0.70
16.0
100
0.8
8.0
0.100
0.320
1.500
FSMD035-30-R
0.35
0.70
30.0
100
0.8
8.0
0.100
0.320
1.500
FSMD050-R
0.50
1.00
16.0
100
0.8
8.0
0.150
0.150
1.000
FSMD050-30-R
0.50
1.00
30.0
100
0.8
8.0
0.150
0.150
1.000
FSMD075-R
0.75
1.50
16.0
100
0.8
8.0
0.200
0.110
0.450
FSMD075-24R
0.75
1.50
24.0
100
1.0
8.0
0.200
0.110
0.290
FSMD075-33R
0.75
1.50
33.0
100
1.0
8.0
0.200
0.110
0.400
FSMD110-R
1.10
2.20
8.0
100
0.8
8.0
0.300
0.040
0.210
FSMD110-16-R
1.10
2.20
16.0
100
0.8
8.0
0.500
0.060
0.180
FSMD110-24R
1.10
2.20
24.0
100
1.0
8.0
0.500
0.060
0.200
FSMD110-33R
1.10
2.20
33.0
100
0.8
8.0
0.500
0.060
0.200
FSMD125-R
1.25
2.50
6.0
100
0.8
8.0
0.400
0.050
0.140
FSMD125-16R
1.25
2.50
16.0
100
0.8
8.0
0.400
0.050
0.140
FSMD150-R
1.50
3.00
8.0
100
0.8
8.0
0.500
0.040
0.110
FSMD150-12R
1.50
3.00
12.0
100
1.0
8.0
0.500
0.040
0.110
FSMD150-24R
1.50
3.00
24.0
100
1.0
8.0
1.500
0.040
0.120
FSMD160-R
1.60
3.20
8.0
100
0.8
8.0
0.500
0.030
0.100
FSMD160-12R
1.60
3.20
12.0
100
1.0
8.0
1.000
0.030
0.100
FSMD160-16R
1.60
3.20
16.0
100
1.0
8.0
1.000
0.030
0.100
FSMD160-24R
1.60
3.20
24.0
100
1.0
8.0
1.000
0.030
0.100
FSMD200R
2.00
3.50
8.0
100
1.0
8.0
2.000
0.020
0.070
FSMD200-16R
2.00
3.50
16.0
100
1.0
8.0
5.000
0.020
0.085
FSMD260R
2.60
5.00
8.0
100
1.0
8.0
2.500
0.015
0.047


Similar Part No. - FSMD030-R

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FSMD030-R FUZETEC-FSMD030-R Datasheet
243Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
More results

Similar Description - FSMD030-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
Surface Mountable PTC Resettable Fuse
MC36210 ETC2-MC36210 Datasheet
66Kb / 4P
Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD010-R FUZETEC-FSMD010-R Datasheet
243Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
Surface Mountable PTC Resettable Fuse : FSMD20
FSMD140RZ FUZETEC-FSMD140RZ Datasheet
172Kb / 4P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1812 Series
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
Surface Mountable PTC Resettable Fuse
logo
RFE international
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com