Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT110F Datasheet(PDF) 2 Page - RFE international

Part # FVT110F
Description  STRAP MOUNT PPTC RESETTABLE FUSE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FVT110F Datasheet(HTML) 2 Page - RFE international

  FVT110F Datasheet HTML 1Page - RFE international FVT110F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS (mm)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
TYPICAL TIME-TO-TRIP AT 23°C
Page 2 of 2
NOTE: All Specifications subject to change without notice.
C6BS08
2020.01.10
1
MARKING SYSTEM
2
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
FVT110F
23.60
25.60
2.60
2.90
0.50
0.90
7.00
8.00
2.30
2.50
FVT170F
15.40
17.50
7.00
7.40
0.50
0.90
4.00
6.20
3.90
4.10
FVT175F
21.00
23.00
3.50
3.90
0.50
0.90
4.60
56.00
2.90
3.10
FVT200F
21.00
23.00
4.10
4.50
0.50
0.90
3.00
4.80
2.90
3.10
FVT210GF
21.00
23.00
4.90
5.20
0.50
0.90
4.10
5.50
3.90
4.10
FVT240F
23.80
26.00
4.90
5.30
0.50
0.90
3.50
5.50
3.90
4.10
F
Part Number
A
B
C
D
0.001
0.01
0.1
1
10
100
1
10
100
Fault Current (A)
A B C D
E F
A= FVT 110F
B= FVT 170F
C= FVT 175F
D= FVT 200F
E= FVT 210F
F= FVT 240F
Example
FVT
□ □ □ F
□
□ □ □
FVT210F
34AB
Product Family
Date Code/Lot Number
Part Identification
RoHS Compliant / Lead Free
STRAP MOUNT PPTC RESETTABLE FUSE
FVT Series : 16Vdc, 1.1A ~ 2.4A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com