Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7232CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7232CS
Description  Dual Channel, High Speed, High Current Line Driver with 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7232CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL7232CS Datasheet HTML 1Page - Intersil Corporation EL7232CS Datasheet HTML 2Page - Intersil Corporation EL7232CS Datasheet HTML 3Page - Intersil Corporation EL7232CS Datasheet HTML 4Page - Intersil Corporation EL7232CS Datasheet HTML 5Page - Intersil Corporation EL7232CS Datasheet HTML 6Page - Intersil Corporation EL7232CS Datasheet HTML 7Page - Intersil Corporation EL7232CS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply (V+ to Gnd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+
Combined Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .570mW
PDIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1050mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = 25°C, V = 15V unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
@V+
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
@0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-Up Resistance
IOUT = -100 mA
3
6
Ω
ROL
Pull-Down Resistance
IOUT = +100 mA
4
6
Ω
IOFF
3-State Output Leakage
VOUT = V+
VOUT = 0V
0.2
10
µA
IPK
Peak Output Current
Source
Sink
2.0
2.0
A
IDC
Continuous Output Current
Source/Sink
100
mA
POWER SUPPLY
IS
Power Supply Current
Inputs High
1
2.5
mA
VS
Operating Voltage
4.5
16
V
AC Electrical Specifications
TA = 25°C, V = 15V unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 500pF
CL = 1000pF
7.5
10
ns
tF
Fall Time
CL = 500pF
CL = 1000pF
10
13
20
ns
tD-ON
Turn-On Delay Time
18
25
ns
tD-OFF
Turn-Off Delay Time
20
25
ns
EL7232



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com