Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5621 Datasheet(PDF) 1 Page - Belden Inc.

Part # C5621
Description  Teck90 1000V, 3G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C5621 Datasheet(HTML) 1 Page - Belden Inc.

  C5621 Datasheet HTML 1Page - Belden Inc. C5621 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C5621
Teck90 1000V, 3+G C #2+6 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk
PVC Jkt, CSA HL SUN RES -40C
Product Description
Teck90 1000V, 3+G Conductor 2+6AWG (7x10H) Bare Copper, XLPE Insulation M4 Color Code, PVC Inner Jacket, Aluminum Interlock Armor, Black PVC
Outer Jacket, CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 3
2
7x10
BC - Bare Copper
Ground
1
6
7x14
BC - Bare Copper
Insulation
Material
Nom. Thickness Nom. Insulation Diameter
Color Code
XLP, XLPO, XLPE (Thermoset) 0.06 in (1.5 mm)
0.405 in (10.3 mm)
Black, Red, Blue
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.083 in (2.1 mm) 1.039 in (26.39 mm)
Armor
Armor Type & Material
Diameter Over Armor
AIA - Aluminum Interlock Armor 1.299 in (32.99 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 1.395 in (35.43 mm) Yes
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 0.16 Ohm/1000ft
24 Amps per Conductor at 30ºC
Ground
0.411 Ohm/1000ft (1.35 Ohm/km)
Voltage
Voltage Rating
1000 V (TECK 90)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation


Similar Part No. - C5621

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5622 BELDEN-C5622 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5625 BELDEN-C5625 Datasheet
163Kb / 2P
Teck90 1000V, 3G C #16 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5625-0101640 BELDEN-C5625-0101640 Datasheet
163Kb / 2P
Teck90 1000V, 3G C #16 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5625-0102460 BELDEN-C5625-0102460 Datasheet
163Kb / 2P
Teck90 1000V, 3G C #16 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5625-0103280 BELDEN-C5625-0103280 Datasheet
163Kb / 2P
Teck90 1000V, 3G C #16 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results

Similar Description - C5621

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6157 BELDEN-6157 Datasheet
149Kb / 2P
Teck90 1000V, 4G C #2/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
6179 BELDEN-6179 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #3/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5591 BELDEN-C5591 Datasheet
162Kb / 2P
Teck90 1000V, 3G C 6 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA SUN RES -40C
12-22-2023
C5592 BELDEN-C5592 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5622 BELDEN-C5622 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5590 BELDEN-C5590 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5635 BELDEN-C5635 Datasheet
150Kb / 2P
Teck90 1000V, 3G C #2/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5701 BELDEN-C5701 Datasheet
151Kb / 2P
Teck90 1000V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5760 BELDEN-C5760 Datasheet
151Kb / 2P
Teck90 1000V, 2G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5761 BELDEN-C5761 Datasheet
141Kb / 2P
Teck90 1000V, 3G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com