Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0521CF/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB0521CF/2
Description  5x20mm ceramic fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB0521CF/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB0521CF/2 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
229
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FUSES
CFB05 21CF
Average time current (I-T curves)
CFB05 21CT
Average time current (I-T curves)
Current in amperes
Current in amperes
5x20mm c er amic fuses
PART NO.
RATING
CFB0521CF/500
500mA
CFB0521CF/630
630mA
CFB0521CF/800
800mA
CFB0521CF/1
1A
CFB0521CF/1.25
1.25A
CFB0521CF/1.6
1.6A
CFB0521CF/2
2A
CFB0521CF/2.5
2.5A
CFB0521CF/3.15
3.15A
CFB0521CF/4
4A
PART NO.
RATING
CFB0521CF/5
5A
CFB0521CF/6.3
6.3A
CFB0521CF/7.5
7.5A
CFB0521CF/8
8.A
CFB0521CF/10
10A
CFB0521CF/12.5
12.5A
PART NO.
RATING
CFB0521CT/500
500mA
CFB0521CT/630
630mA
CFB0521CT/800
800mA
CFB0521CT/1
1A
CFB0521CT/1.25
1.25A
CFB0521CT/1.6
1.6A
CFB0521CT/2
2A
CFB0521CT/2.5
2.5A
CFB0521CT/3.15
3.15A
CFB0521CT/4
4A
PART NO.
RATING
CFB0521CT/5
5A
CFB0521CT/6.3
6.3A
CF0521CT/7.5
7.5A
CFB0521CT/8
8.A
CFB0521CT/10
10A
CFB0521CT/12.5
12.5A
CFB0521CF
Pr oduct o v ervie w
• Quick blow (F) IEC60127
• Excellent I2T characteristics
• Welded element for enhanced vibration tolerance
• Ceramic cartridge, nickel plated brass end caps
• Sand filled
• Operating temperature -55
°C to +125°C
• RoHs, C
US
,
,
,
,
approved (500mA-10A)
5x20mm c er amic, quick blo w
5x20mm c er amic, time dela y
CFB0521CT
Pr oduct o v ervie w
• Time delay (T) IEC60127
• Excellent I2T characteristics
• Welded element for enhanced vibration tolerance
• Ceramic cartridge, nickel plated brass end caps
• Sand filled
• Operating temperature -55
°C to +125°C
• RoHs, C
US
,
,
,
,
approved (200mA-12.5A)
20±0.5
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
10±0.2
5.2


Similar Part No. - CFB0521CF/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB0521CF/2 CAMDENBOSS-CFB0521CF/2 Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CF/2.5 CAMDENBOSS-CFB0521CF/2.5 Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results

Similar Description - CFB0521CF/2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
196 LITTELFUSE-196 Datasheet
87Kb / 2P
MINIATURE FUSES - 5x20mm
197 LITTELFUSE-197 Datasheet
59Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com