Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFH07 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFH07
Description  5x20mm PCB fuse carriers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFH07 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFH07 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSEHOLDERS
218
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FM 28614
Pr oduct o v ervie w
• PCB mounting
• Kinked pin for PCB retention CFH02/W
• Transparent insulation cover CFH02H
• 22.6mm pitch
• EN60127-6 and UL4281-1
•
,
,
approved (Approvals do
not apply to cover)
5x20mm PCB fuse carriers
PART NO.
TYPE
CFH02
Straight pin
CFH02/W
Kinked pin
CFH02H
Cover
CFH02
SPECIFICATION
Rating
VDE - 6.3A/250VAC
UL - 18A/250VAC
Contacts/resistance
Tinned, nickel plated brass
Moulding
UL94-V1 self extinguishing PPOM
Cover material : UL94-V2
thermoplastic
Dielectric strength
3kV / 60 sec
Temperature
-20° to 125°C
Operating power
1.6W (VDE)
Recommended PCB
hole size
1.3mm
Shocksafe category
PC1
CFH02/W
CFH02H
5x20mm c ompact horiz ontal and
v ertical PCB mounting fuseholders
Pr oduct o v ervie w
• Finger or screwdriver release, bayonet carrier
• Horizontal or vertical mounting
• Compact footprint 10mm pitch
• Anti solder wicking
• EN60127-6 and UL4281-1
• C
US ,
approved
PART NO.
TYPE
CFH06
Vertical mounting
CFH07
Horizontal mounting
SPECIFICATION
Rating
VDE - 10A/250VAC
UL - 20A/250VAC
Contacts/resistance
Tinned nickel plated brass,<5mΩ
Moulding
UL94-V0 flame retardant PBT
Dielectric strength
3kV / 60"
Power dissipation
2.5W (VDE)
Recommended PCB hole size
1.5mm
Insulation resistance
100MΩ
Shocksafe category
PC2
CFH06
CFH07
CFH06
CFH07
C
US
5
28.1
5
5
13
13
33.1
1.1
10
16.5
33.1
26.6
22
22
22.6
1.2
1.2
0.9
0.4
Vers 3


Similar Part No. - CFH07

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
More results

Similar Description - CFH07

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH3 DUBILIER-DBCFH3 Datasheet
93Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH5 DUBILIER-DBCFH5 Datasheet
96Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH7 DUBILIER-DBCFH7 Datasheet
90Kb / 1P
FUSEHOLDERS PCB MOUNTING 5x20mm
logo
List of Unclassifed Man...
10202 ETC2-10202 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Grayhill, Inc
70L-ODC5R GRAYHILL-70L-ODC5R_10 Datasheet
350Kb / 2P
G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
logo
List of Unclassifed Man...
SLA120 ETC2-SLA120 Datasheet
37Kb / 1P
Solid Links for BS88 Type Fuse Carriers
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
CamdenBoss Ltd.
CFH06 CAMDENBOSS-CFH06 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH22 CAMDENBOSS-CFH22 Datasheet
372Kb / 1P
5x20mm PCB fuse carriers SMD and THR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com