Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB2470FF/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB2470FF/2
Description  2.4x7mm micro miniature very fast acting axial fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB2470FF/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB2470FF/2 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
245
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FUSES
FM 28614
2.4x7mm micr o minia tur e v ery f as t
acting axial fuses
PART NO.
RATING
CFB2470FF/375
375mA
CFB2470FF/400
400mA
CFB2470FF/500
500mA
CFB2470FF/600
600mA
CFB2470FF/630
630mA
CFB2470FF/700
700mA
CFB2470FF/750
750mA
CFB2470FF/800
800mA
CFB2470FF/1
1A
CFB2470FF/1.2
1.2A
CFB2470FF/1.25
1.25A
CFB2470FF/1.5
1.5A
Pr oduct o v ervie w
• Very fast acting/quick blow
• Bandoliered
• Excellent I2T characteristics)
• Break capacity
50A/125VAC-100mA-2.5A
35A/125VAC-3.15A-7A
100A/16VAC-12A-20A
• C
US , TUV approved
100mA-2.5A, 3.15mA-7A
SPECIFICATION
Materials
Epoxy coated body
Interupt current
50Amp@250Vac
Operating temperature
-55°C to 125°C
Soldering conditions
350°C for 35 sec max
Solder leads
Tin plated copper
Electrical characteristics
100%
200%
4 hours min blowing
60 sec max blowing
CFB2470FF
PART NO.
RATING
CFB2470FF/1.6
1.6A
CFB2470FF/2
2A
CFB2470FF/2.25
2.25A
CFB2470FF/2.5
2.5A
CFB2470FF/3
3A
CFB2470FF/3.15
3.15A
CFB2470FF/3.5
3.5A
CFB2470FF/4
4A
CFB2470FF/5
5A
CFB2470FF/6
6A
CFB2470FF/6.3
6.3A
CFB2470FF/7
7A
2.4x7mm micr o minia tur e slo w
blo w/ time dela y axial fuses
PART NO.
RATING
CFB2470TT/375
375mA
CFB2470TT/400
400mA
CFB2470TT/500
500mA
CFB2470TT/600
600mA
CFB2470TT/630
630mA
CFB2470TT/750
750mA
CFB2470TT/800
800mA
CFB2470TT/1
1A
CFB2470TT/1.2
1.2A
CFB2470TT/1.25
1.25A
CFB2470TT/1.5
1.5A
CFB2470TT/1.6
1.6A
CFB2470TT/2
2A
Pr oduct o v ervie w
• Slow blow/time delay
• Bandoliered
• Excellent I2T characteristics)
• Break capacity
50A/125VAC-100mA-2.5A
35A/125VAC-4A-6.3A
100A/16VAC-12A-20A
• C
US , TUV,
,
approved 100mA-2.5A, 3.15mA-6.3A
SPECIFICATION
Materials
Epoxy coated body
Interupt current
50Amp@250Vac
Operating temperature
-55°C to 125°C
Soldering conditions
350°C for 35 sec max
Solder leads
Tin plated copper
Electrical characteristics
100%
200%
300%
800%
4 hours min blowing
60 sec max blowing, 1 sec min
0.2 sec min, 3 sec max
0.01 sec min, 0.1 sec max
CFB2470TT
PART NO.
RATING
CFB2470TT/2.5
2.5A
CFB2470TT/3
3A
CFB2470TT/3.15
3.15A
CFB2470TT/3.5
3.5A
CFB2470TT/4
4A
CFB2470TT/5
5A
CFB2470TT/6
6A
CFB2470TT/6.3
6.3A
CFB2470TT/7
7
7.8±1mm
28mm
Epoxy coated
7.8±1mm
28mm
Epoxy coated


Similar Part No. - CFB2470FF/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB2470FF/2 CAMDENBOSS-CFB2470FF/2 Datasheet
257Kb / 1P
2.4x7mm micro miniat u re ve r y fast acting axial fuses
CFB2470FF/2.25 CAMDENBOSS-CFB2470FF/2.25 Datasheet
257Kb / 1P
2.4x7mm micro miniat u re ve r y fast acting axial fuses
CFB2470FF/2.5 CAMDENBOSS-CFB2470FF/2.5 Datasheet
257Kb / 1P
2.4x7mm micro miniat u re ve r y fast acting axial fuses
More results

Similar Description - CFB2470FF/2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0491002.NAT1 LITTELFUSE-0491002.NAT1 Datasheet
212Kb / 4P
Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 491 Series
0491003.HAT1 LITTELFUSE-0491003.HAT1 Datasheet
212Kb / 4P
Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 491 Series
0491003.NRT1 LITTELFUSE-0491003.NRT1 Datasheet
212Kb / 4P
Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 491 Series
0253.062M LITTELFUSE-0253.062M Datasheet
289Kb / 4P
Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.125V LITTELFUSE-0253.125V Datasheet
289Kb / 4P
Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 251/253 Series
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0263001.MXL LITTELFUSE-0263001.MXL Datasheet
185Kb / 3P
Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
T-Tron Very Fast Acting Fuses
logo
CamdenBoss Ltd.
CFB2470TT CAMDENBOSS-CFB2470TT Datasheet
257Kb / 1P
2.4x7mm micro miniat u re ve r y fast acting axial fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com