Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0520F Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB0520F
Description  Multi-size inline fuseholder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB0520F Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB0520F Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSEHOLDERS
224
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
Pr oduct o v ervie w
• Inline type fuseholder
• Accepts 5x20mm, 6.3x32mm and
6.3x25mm fuses
• Allows customer choice of wire
• Bayonet type cover
•
approved
Multi-siz e inline fuseholder
PART NO.
FUSE SIZE
CFH10
6.3x25mm
6.3x32mm
5x20mm
SPECIFICATION
Rating
6.3A/250V
Contacts
Tinned nickel plated brass
Moulding
UL94-HB PA6
Dielectric strength
1.5kV
Operating power
1.6W
Insulation resistance
>10MΩ
Operating temperature
-30°C to +85°C
Shocksafe category
PC1
KEY FEATURES
Int ernal solder cup | Multi-siz e ba y onet e type holder | C ompact siz e
A S SOCIATED PRODUCT S
CFB05 20F
- Glas s 5x20mm quick blo w fuses
page 228
CFB05 20T
- Glas s 5x20mm time dela y fuses
page 228
CFB05 21CF
- C er amic 5x20mm quick blo w fuses
page 229
CFB05 21CT
- C er amic 5x20mm time dela y fuses
page 229
CFB06 325F G
- Glas s 6.3x25mm quick blo w fuses
page 230
CFB06 325TG
- Glas s 6.3x25mm time dela y fuses
page 230
CFB06 332F
- Glas s 6.3x32mm quick blo w fuses
page 231
CFB06 332T
- Glas s 6.3x32mm time dela y fuses
page 231
CFB06 333CF
- C er amic 6.3x32mm quick blo w fuses
page 232
CFB06 333CT
- C er amic 6.3x32mm time dela y fuses
page 232
CFH10
57
19
19
Vers 2


Similar Part No. - CFB0520F

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB0520F CAMDENBOSS-CFB0520F Datasheet
1Mb / 1P
5x20mm glass f u s e s
CFB0520F CAMDENBOSS-CFB0520F Datasheet
372Kb / 1P
5x20mm PCB fuse carriers SMD and THR
CFB0520F CAMDENBOSS-CFB0520F Datasheet
368Kb / 1P
6.3x25mm fused terminal blocks
CFB0520F/1 CAMDENBOSS-CFB0520F/1 Datasheet
1Mb / 1P
5x20mm glass f u s e s
CFB0520F/1 CAMDENBOSS-CFB0520F/1 Datasheet
1Mb / 1P
5x20mm glass fuses
More results

Similar Description - CFB0520F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E6011B ETC2-E6011B Datasheet
161Kb / 1P
FUSEHOLDER
logo
Dubilier
DBCFH3 DUBILIER-DBCFH3 Datasheet
93Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH5 DUBILIER-DBCFH5 Datasheet
96Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH13 DUBILIER-DBCFH13 Datasheet
91Kb / 1P
FUSEHOLDER INLINE FUSEHOLDERS
logo
JFW Industries, Inc.
50RF-038 JFW-50RF-038 Datasheet
26Kb / 1P
RF FUSEHOLDER
logo
Schurter Inc.
FDI SCHURTER-FDI Datasheet
302Kb / 2P
Inline Fuseholder, 5x20 / 6.3x32 mm
logo
JFW Industries, Inc.
50RF-037 JFW-50RF-037_16 Datasheet
26Kb / 1P
RF FUSEHOLDER
50RF-038 JFW-50RF-038_16 Datasheet
26Kb / 1P
RF FUSEHOLDER
logo
PHOENIX CONTACT
2819668 PHOENIX-2819668 Datasheet
87Kb / 5P
The Inline multi-channel temperature controller is a freely parameterizable slave for the Inline installation system.
logo
Schurter Inc.
FDI SCHURTER-FDI_18 Datasheet
230Kb / 2P
Inline Fuseholder, 5x20 / 6.3x32 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com