Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFH15 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFH15
Description  5x20mm chassis mounting 15A fuseholder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFH15 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFH15 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
223
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FUSEHOLDERS
Pr oduct o v ervie w
• Centre hole fixing
• Anti-rotation spigots
• 5x20mm fuse
• High current rating
• Quick connect tabs
• C
US
approved
5x20mm chas sis mounting 15A
fuseholder
PART NO.
TYPE
CFH15
Chassis mounting 15A fuseholder
CFH15
SPECIFICATION
Rating
15A/250V
Contacts
High tensile phosphor bronze,
500MΩ
Moulding
Flame retardant PB
Dielectric strength
AC2000V
Insulation resistance
500MΩ
Operating temperature
-20°C to +60°C
6.3x32mm chas sis mounting
fuseholder
Pr oduct o v ervie w
• Centre hole fixing
• 6.3x32mm fuse acceptance
• High current rating - 30A
• Quick connect tabs
• C
US
approved
SPECIFICATION
Rating
30A/ 250V
Contacts
Tinned nickel plated brass, 500MΩ
Moulding
UL94-V0 flame retardant phenolic
thermosetting resin
Dielectric strength
AC 3000V
Insulation resistance
500MΩ
Operating temperature
-20°C to +60°C
KEY FEATURES
C entr al fixing hole | 4.8mm Quick c onnect tab | 15A curr ent r a ting
CFH16
KEY FEATURES
C entr al fixing hole | 6.4mm Quick c onnect tab | 30A curr ent r a ting
PART NO.
TYPE
CFH16
Chassis mounting 30A fuseholder
42.4
12.0
33.0
18.2
Ø4.0
6.8
9.0
3.2
9.0
24.7
Ø3.1
Ø8.0
12.0
7.0
4.0
Vers 2


Similar Part No. - CFH15

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH10 CAMDENBOSS-CFH10 Datasheet
372Kb / 1P
Multi-size inline fuseholder
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
logo
Infineon Technologies A...
CFH120 INFINEON-CFH120 Datasheet
242Kb / 20P
Preliminary Datasheet
Rev. 3.0/Jan 11th, 2002
More results

Similar Description - CFH15

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH3 DUBILIER-DBCFH3 Datasheet
93Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH5 DUBILIER-DBCFH5 Datasheet
96Kb / 1P
FUSEHOLDER PCB MOUNTING 5x20mm FUSEHOLDER
DBCFH7 DUBILIER-DBCFH7 Datasheet
90Kb / 1P
FUSEHOLDERS PCB MOUNTING 5x20mm
DBCFH9 DUBILIER-DBCFH9 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
DBCFH12 DUBILIER-DBCFH12 Datasheet
92Kb / 1P
FUSEHOLDER PANEL MOUNTING FUSEHOLDERS
logo
CamdenBoss Ltd.
CFH04 CAMDENBOSS-CFH04 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH05 CAMDENBOSS-CFH05 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH08 CAMDENBOSS-CFH08 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH09 CAMDENBOSS-CFH09 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com