Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCTTC1R Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CCTTC1R
Description  22mm diamete r contro l switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CCTTC1R Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CCTTC1R Datasheet HTML 1Page - CamdenBoss Ltd. CCTTC1R Datasheet HTML 2Page - CamdenBoss Ltd. CCTTC1R Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
22MM C ONTROL S WIT CHES
188
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
22mm diamet er c ontr ol s wit ches
Pr oduct o v ervie w
• Metal and plastic bodied control push-buttons,
E-stops and selector switches
• Rated 660V, 10A max AC
• Operating frequency 3,600 per hour
• Panels mount 1-6mm thick
• Positive opening operation
• Conform to IEC 947-5-1 and EN 60947-5-1
• Terminal marking to EN 50013
• Other button options available to order
• C
US
,
,
approved
SPECIFICATION
Rated voltage
660V
Rated AC current
24V
240V
400V
10A
6A
4A
Rated DC current
24V
125V
250V
2.8A
0.55A
0.27A
Short circuit protection
gG fuse
10A
Impulse withstand
6kV
Internal resistance
<25mΩ
Wire acceptance
0.75-2.5mm2
Rated temperature
Operating
Storage
-250C to +750C
-400C to +800C
Material
Metal
Plastic
Chromium plated
Fibreglass reinforced
thermo-plastic
Electrical protection
Metal
Plastic
Class I
Class II
Ingress protection
IP65
Mechanical durability
1x108 Operations
METAL BODIED
PLA S TIC BODIED
COLOUR
CCTTR30BK
CCTPR30BK
Black
CCTTR30RD
CCTPR30RD
Red
CCTTR30GW
CCTPR30GW
Green
CCTTR30YW
CCTPR30YW
Yellow
CCTTR30BL
CCTPR30BL
Blue
CCTTR30WH
CCTPR30WH
White
Flush push butt ons
METAL BODIED
PLA S TIC BODIED
COLOUR
CCTTR00RD
CCTPR00RD
Red - 0
CCTTR01GN
CCTPR01GN
Green - 1
On/off push butt ons
METAL BODIED
PLA S TIC BODIED
S TYLE
CCTTRAHBK
N/A
Horizontal
CCTTRAVBK
N/A
Vertical
Arr o w push butt ons
230V and same polarity panel
spacing
400V and different polarity
panel spacing
22.5
30
40
12
45
12
45
12
45
CCTTR30GW
CCTTR00RD / CCTTR01GN
CCTTRAHBK/ CCTTRAVBK


Similar Part No. - CCTTC1R

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
CCT CYNERGY3-CCT Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
KITAGAWA GmbH
CCT KGS-CCT Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-10-C KGS-CCT-10-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-100-C KGS-CCT-100-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-13-C KGS-CCT-13-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
More results

Similar Description - CCTTC1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRM-2738 ETC1-IRM-2738 Datasheet
254Kb / 9P
INfrared Remote-contro Receiver Module
logo
Tyco Electronics
2-1437614-0 MACOM-2-1437614-0 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-3 MACOM-2-1437614-3 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-6 MACOM-2-1437614-6 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-8 MACOM-2-1437614-8 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
RM3700 MACOM-RM3700 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
RM232 MACOM-RM232 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
PHOENIX CONTACT
3036262 PHOENIX-3036262 Datasheet
125Kb / 5P
ST 2,5-DIO/L-R
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com