Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0520T Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB0520T
Description  5x20mm PCB fuse carriers SMD and THR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB0520T Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB0520T Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSEHOLDERS
220
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
Pr oduct o v ervie w
• PCB mounting
• Fuse retaining insulation cover
• Enclosed contacts
• 22.5mm pitch
• Moulded in black UL94-V0 flame
retardant thermoplastic
• EN60127-6
• Suitable for through hole reflow
(THR) process
• C
US
,
approved (approvals do
not apply to cover)
5x20mm PCB fuse carriers SMD and
THR
PART NO.
TYPE
CFH22SMD
Surface mount
CFH22THR
Through hole reflow
CFH22H
Fuse holder cover
CFH22SMD
SPECIFICATION
Rating
VDE - 10A/250VAC
UL - 20A/250VAC
Contacts/resistance
Tinned, nickel plated brass
Moulding
UL94-V0 thermoplastic
Temperature
-30°C to 85°C
Operating power
4W (VDE)
Recommended PCB hole size
1.3mm (THR)
Solderability
Reflow 245°C/30 sec max
according to J-STD-020-D
Wave 245°C/3 sec
according to EN61760 (THR only)
Shocksafe category
PC1
CFH22THR
KEY FEATURES
Surf ac e mount or thr ough hole | A c c epts 5x20 fuses | High t emper a tur e thermoplas tic
A S SOCIATED PRODUCT S
CFB05 20F
- Glas s 5x20mm quick blo w fuses
page 228
CFB05 20T
- Glas s 5x20mm time dela y fuses
page 228
CFB05 21CF
- C er amic 5x20mm quick blo w fuses
page 229
CFB05 21CT
- C er amic 5x20mm time dela y fuses
page 229
24.8
9.4
9.6
BS613
22.4
22.5
24.8
9.4
9.6
BS613
22.7
11
6
Vers 2


Similar Part No. - CFB0520T

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0520T CAMDENBOSS-CFB0520T Datasheet
372Kb / 1P
Multi-size inline fuseholder
CFB0520T CAMDENBOSS-CFB0520T Datasheet
368Kb / 1P
6.3x25mm fused terminal blocks
CFB0520T/1 CAMDENBOSS-CFB0520T/1 Datasheet
1Mb / 1P
5x20mm glass f u s e s
CFB0520T/1 CAMDENBOSS-CFB0520T/1 Datasheet
1Mb / 1P
5x20mm glass fuses
More results

Similar Description - CFB0520T

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH7 DUBILIER-DBCFH7 Datasheet
90Kb / 1P
FUSEHOLDERS PCB MOUNTING 5x20mm
logo
Weidmuller
0336400000 WEIDMULLER-0336400000 Datasheet
52Kb / 1P
Component Carriers and Housings
0336500000 WEIDMULLER-0336500000 Datasheet
48Kb / 1P
Component Carriers and Housings
logo
List of Unclassifed Man...
10202 ETC2-10202 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
logo
Grayhill, Inc
70L-ODC5R GRAYHILL-70L-ODC5R_10 Datasheet
350Kb / 2P
G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
logo
List of Unclassifed Man...
SLA120 ETC2-SLA120 Datasheet
37Kb / 1P
Solid Links for BS88 Type Fuse Carriers
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
CFH06 CAMDENBOSS-CFH06 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com