Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB06332T/10 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFB06332T/10
Description  6.3x32mm glass f u s e s
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFB06332T/10 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFB06332T/10 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
231
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
FUSES
6.3x32mm glas s fuses
PART NO.
RATING
CFB06332F/100
100mA
CFB06332F/125
125mA
CFB06332F/160
160mA
CFB06332F/200
200mA
CFB06332F/250
250mA
CFB06332F/500
500mA
CFB06332F/630
630mA
CFB06332F/750
750mA
CFB06332F/1
1A
CFB06332F/1.25
1.25A
CFB06332F/1.5
1.5A
CFB06332F/1.6
1.6A
CFB06332F/2
2A
CFB06332F/2.5
2.5A
6.3x32mm glas s, quick blo w
6.3x32mm glas s, time dela y
PART NO.
RATING
CFB06332F/3
3A
CFB06332F/3.15
3.15A
CFB06332F/4
4A
CFB06332F/5
5A
CFB06332F/6.3
6.3A
CFB06332F/7
7A
CFB06332F/7.5
7.5A
CFB06332F/8
8.A
CFB06332F/10
10A
CFB06332F/12
12A
CFB06332F/12.5
12.5A
CFB06332F/15
15A
CFB06332F/20
20A
CFB06332F/25
25A
PART NO.
RATING
CFB06332T/100
100mA
CFB06332T/125
125mA
CFB06332T/160
160mA
CFB06332T/200
200mA
CFB06332T/250
250mA
CFB06332T/500
500mA
CFB06332T/630
630mA
CFB06332T/750
750mA
CFB06332T/800
800mA
CFB06332T/1
1A
CFB06332T/1.25
1.25A
CFB06332T/1.5
1.5A
CFB06332T/1.6
1.6A
CFB06332T/2
2A
PART NO.
RATING
CFB06332T/2.5
2.5A
CFB06332T/3
3A
CFB06332T/3.15
3.15A
CFB06332T/4
4A
CFB06332T/5
5A
CFB06332T/6
6A
CFB06332T/6.3
6.3A
CFB06332T/7
7A
CFB06332T/7.5
7.5A
CFB06332T/8
8.A
CFB06332T/10
10A
CFB06332T/12
12A
CFB06332T/12.5
12.5A
CFB06332T/15
15A
Pr oduct o v ervie w
• Quick blow (F)
• Excellent I2T characteristics
• Welded element for enhanced vibration
tolerance
• Glass cartridge, nickel plated brass end caps
• Break capacity
35A/250V (to 1A),
100A/250V (to 3.5A),
200A/250V (above 3.5A)
• Operating temperature -55
°C to +125°C
• C
US
approved (500mA-3A) (4A-10A)
(12A-15A)
CFB06332F
CFB06332T
Pr oduct o v ervie w
• Time delay (T)
• Excellent I2T characteristics
• Welded element for enhanced vibration
tolerance
• Glass cartridge, nickel plated brass end caps
• Break capacity
35A/250V (to 1A),
100A/250V (to 3.5A),
200A/250V (above 3.5A)
• Operating temperature -55
°C to +125°C
• C
US
,
,
approved (500mA-1A)
(1.5A-3A) (4A) (10A-15A)
CFB06 332F
Average time current (I-T curves)
Current in amperes
CFB06 332T
Average time current (I-T curves)
Current in amperes
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
0.1
31.8mm
Nominal
6.35mm


Similar Part No. - CFB06332T/10

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFB06332T/10 CAMDENBOSS-CFB06332T/10 Datasheet
895Kb / 1P
6.3x32mm glass f u s e s
CFB06332T/100 CAMDENBOSS-CFB06332T/100 Datasheet
895Kb / 1P
6.3x32mm glass f u s e s
More results

Similar Description - CFB06332T/10

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE13007 ETL-GE13007 Datasheet
308Kb / 3P
N P N S I L I CO N T R I P L E D I F F U S E D M E S A T Y P E T R A N S I S T O R
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
S U P E R FA S T R E CO V E RY R E C T I F I E R
GSBAW56 ETL-GSBAW56 Datasheet
122Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E
G6853 ETL-G6853 Datasheet
152Kb / 4P
S i n g l e O u t p u t H a l l E f f e c t S wi t c h I C
GN809 ETL-GN809 Datasheet
378Kb / 4P
 P r o c e s s o r S u p e r v i s o r y
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
T E L E C O M R E C T I F I E R S Y S T E M S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
PHOENIX CONTACT
8595 PHOENIX-8595 Datasheet
227Kb / 12P
AXL E IOL AO1 U M12 S
logo
CamdenBoss Ltd.
CFB0520F CAMDENBOSS-CFB0520F Datasheet
1Mb / 1P
5x20mm glass f u s e s
CFB06332F CAMDENBOSS-CFB06332F Datasheet
895Kb / 1P
6.3x32mm glass f u s e s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com