Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R30AXSP Datasheet(PDF) 2 Page - Marathon Special Products

Part # R30AXSP
Description  250 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

R30AXSP Datasheet(HTML) 2 Page - Marathon Special Products

  R30AXSP Datasheet HTML 1Page - Marathon Special Products R30AXSP Datasheet HTML 2Page - Marathon Special Products R30AXSP Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
REV-E 04/07/2020
Product Data Sheet
Line/Load Side
Wire Size
(CU Stranded)
Torque
Wires/
Terminal
Wire Class (UL)
#10 - #14
2.8 N.m
(25 in. lbs)
1
Solid, B, C
Termination Specifications
• Wire strip length – 7/16”
• Panel mountable: #10 fastener, mounting torque to be determined in end-use
application. Not to exceed 15 lbf. (1.7 N-m)
Installation & Accessories
• Cover: CHR230. Glass-filled polycarbonate (thermoplastic). 125°C (UL RTI), Flammability rating UL 94 V-0, UL Listed File No.
JDVS2.181825.
• DIN Rail Adapter: Din R-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com