Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJB Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CJB
Description  89 Series Terminal Block Junction Box Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CJB Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CJB Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
336
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
FM 28614
8 9 Series Terminal Block Junction
Bo x Enclosur e
Pr oduct o v ervie w
• Integrated junction box consisting of cable glands
and one terminal block
• IP65 rated
• Available in 3, 4 and 6 poles
• Supplied with 2pcs each of Ø5 and Ø7.4 rubber
cable bushes
• Suitable for industrial applications, power cable
joints wiring for motors or sensors
• 89 series has been designed to meet the
requirements of IP65
SPECIFICATION
Rated voltage
250V
Rated current
15A
Applicable wire
1.25mm2
Standard tightening torque
0.5N
Operating temperature
-20°C to +75°C
Material:
Cover, base and cable cap
Rubber bush
Gasket
Conductive plate
Terminal screw
Cover screw
PBT (UL94-V0
EPDM
Polyurethane
Brass
Steel M3
Stainless steel M3
Protection class
89 series has been designed to meet the requirements of IP65
GREY
LENG TH
WIDTH
HEIGHT
DESCRIPTION
CJB893PLG
33m
65mm
24mm
3 pole
CJB894PLG
40mm
60mm
24mm
4 pole
CJB896PLG
50mm
70mm
24mm
6 pole
KEY FEATURES
Int er gr a t ed t erminal block | Suitable f or indus trial applica tions
CJB
Vers 3


Similar Part No. - CJB

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB01N65B ZPSEMI-CJB01N65B Datasheet
345Kb / 2P
TO-263-2L Plastic-Encapsulate MOSFETS
CJB02N65 ZPSEMI-CJB02N65 Datasheet
335Kb / 2P
TO-263-2L Plastic-Encapsulate MOSFETS
CJB04N60A ZPSEMI-CJB04N60A Datasheet
587Kb / 2P
N -Channel P ower MOSFET
CJB04N65 ZPSEMI-CJB04N65 Datasheet
388Kb / 2P
N -Channel Power MOSFET
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
More results

Similar Description - CJB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
MOST Junction Box
logo
Glenair, Inc.
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
Mini Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
Medium Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
Jumbo Junction Box
140-060 GLENAIR-140-060 Datasheet
341Kb / 4P
10 Terminal Grounded Composite Junction Box
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
Large Junction Box
logo
Pepperl+Fuchs Inc.
K-CJC-BK PF-K-CJC-BK Datasheet
404Kb / 1P
Terminal Block for Cold Junction Compensation
K-CJC-BU PF-K-CJC-BU Datasheet
405Kb / 1P
Terminal Block for Cold Junction Compensation
logo
Schneider Electric
TSXCANTDM4 SCHNEIDER-TSXCANTDM4 Datasheet
159Kb / 2P
IP20 CANopen tap junction box - 1 screw terminal block and 4 SUB-D9
May 2, 2022
XBTZGJBOX SCHNEIDER-XBTZGJBOX Datasheet
145Kb / 3P
junction box for advanced hand-held terminal
May 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com