Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM40530 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSM40530
Description  V4 type sub miniature microswitches 5A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSM40530 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSM40530 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRO S WIT CHES
180
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
V4 type sub minia tur e
micr os wit ches 5A
Pr oduct o v ervie w
• Rating 5A switching S.P.D.T. (10A to order)
• Long life coil spring mechanism
• Solder, PCB, 90° PCB mounting or 2.8mm
quick connect terminals
• Button, lever or roller actuators
• Anti-solder wicking
• C
US
approved
SPECIFICATION
Rating
5A/250VAC (10A to order)
Contact resistance
50mΩ max
Insulation strength
100MΩ min/500VDC
Electrical life
50,000 operations min
Temperature range
-10°C to +125°C
Material
Case
Button
Actuator
Contacts
PBT
PPS
Stainless steel
AgNi10-Cu
Teminals
Brass alloy H65 silver plated
5A
ACTUATOR S TYLE
OPERATING
FORCE MAX
RELEA SE
FORCE MAX
OPERATING
PO SITION
PRE TRAVEL
M AX
MOVEMENT
DIFFERENTIAL
OVER TRAVEL
MIN
CSM40500-
Button
1.5N
0.3N
8.6 ± 0.4mm
0.8mm
0.2mm
0.5mm
CSM40510-
Short lever
0.25N
0.04N
8.9 ± 1mm
4.6mm
0.8mm
0.8mm
CSM40520-
Standard lever
0.25N
0.06N
8.9 ± 1mm
5mm
0.8mm
1.2mm
CSM40530-
Long lever
0.2N
0.03N
9.6 ± 2mm
7.5mm
1.5mm
1.6mm
CSM40540-
Simulated roller
0.25N
0.04N
12 ± 1.2mm
4.7mm
0.8mm
1.2mm
CSM40550-
Standard roller
0.25N
0.04N
15.2 ± 1mm
4.8mm
0.9mm
1.2mm
CSM40580-
Extra long lever
0.1N
0.02N
9.8 ± 1.5mm
8mm
2.5mm
1.5mm
CSM405
Types of terminal
Types of actuator
10.6
10.6
10.6
10.6
3.6
3.6
3.6
3.6
8.8
8.8
8.8
8.8
7.3
7.3
7.3
7.3
14
14.5
15.2
7
2.3
2.3
2.3
2.3
2.3
2.3
0.4
0.4
0.4
0.4
16.1
16.1
16.1
16.1
19.8
19.8
19.8
19.8
0.6
0.6
0.6
0.6
9.5
9.5
9.5
9.5
3.6
4
4
3.2
4.8
3.2
3.2
1.2
3.6
1.2
4.7
2.8
10.6
7.1
6.4
Suffix A
Suffix F
Suffix E
Suffix G
Button actuator
Simulated roller
Short lever
Long lever
Standard roller
Extra long lever
PCB mount
90° PCB
mount
Solder
2.8mm quick
connect
*Please add suffix for terminal type (eg CSM40540E - 5A simulated roller type with 2.8mm) quick connect terminals
6.40
4
22.60±1.50
1.60
3.20
2.90
OP
9.50
0.40
2.35
2.50
10.60
2.35
NO
C
3.60
5.15
9.5
8.80
7.30
=16.10=
0.60 TYP
NC
42
6.40
4
OP
1.60
3.20
2.90
9.50
0.40
2.35
0.60TYP
2.50
10.60
3.60
2.35
5.15
9.5
8.80
7.30
=16.10=
19.80
19.80
NO
NC
C
3.60
10.60 2.50
2.35
C
5.15
9.50
8.80
7.30
19.80
=16.10=
NO
NC
0.60TYP
2.35
2.90
0.40
9.50
OP
1.60
3.20
4
6.40
Standard lever
Vers 2


Similar Part No. - CSM40530

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSM4350S CLARKE-CSM4350S Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
CSM4350S/60BL CLARKE-CSM4350S/60BL Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
CSM4350S/60LG CLARKE-CSM4350S/60LG Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
logo
VITROHM
CSM452 VITROHM-CSM452 Datasheet
499Kb / 3P
SMD power shunt resistor
Revision: 202401
logo
Tyco Electronics
CSM4T MACOM-CSM4T Datasheet
213Kb / 3P
Termination Insensitive Mixer
More results

Similar Description - CSM40530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
6542 ETC2-6542 Datasheet
201Kb / 6P
VOLTAGE REGULATOR SUB-MINIATURE TYPE
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
miniature screened 2 kV, 5A
logo
Tyco Electronics
V23100V4305B000 MACOM-V23100V4305B000 Datasheet
3Mb / 4P
Reed Relay V23100 -V4
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
V4-83170 ETC1-V4-83170 Datasheet
3Mb / 8P
SUBMINIATURE MICROSWITCHES - PREMIUM
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSMU01 CAMDENBOSS-CSMU01 Datasheet
435Kb / 1P
Ultra miniature microswitches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com