Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM31010 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CSM31010
Description  V3 type microswitches 5A, 10A and 15A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CSM31010 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CSM31010 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
179
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
MICRO S WIT CHES
Pr oduct o v ervie w
• Rating 5A, 10A and 15A switching S.P.D.T.
• Coil spring mechanism
• 6.3mm (.250), 4.8mm (.187) quick connect,
solder and screw terminals
• Button, lever or roller actuators
• C
US
approved
V3 type micr os wit ches
5A, 10A and 15A
SPECIFICATION
Rating
CSM31500
CSM31000
CSM30500
15A/250VAC
10A/250VAC
5A/250VAC
Contact resistance
30mΩ max
Insulation strength
100MΩ min/500VAC
Electrical life
50,000 operations min
Temperature range
-10°C to +105°C
Material
Case
Button
Actuator
Contacts
PBT
Bakelite
Stainless steel
AgNi10-Cu
Silver plated brass
KEY FEATURES
Butt on, le v er or r oller actua t ors | Solder, scr e w and quick c onnect t erminals
15A
10A
5A
ACTUATOR
S TYLE
OPERATING
FORCE MAX
RELEA SE
FORCE MAX
OPERATING
PO SITION
PRE TRAVEL
M AX
MOVEMENT
DIFFERENTIAL
OVER
TRAVEL MIN
CSM31500-
CSM31000-
CSM30500-
Button
3N
0.7N
14.9 ± 0.4mm
1.4mm
0.4mm
1mm
CSM31510-
CSM31010-
CSM30510-
Short lever
3N
0.7N
15.8 ± 0.5mm
1.4mm
0.5mm
1mm
CSM31520-
CSM31020-
CSM30520-
Standard lever
0.7N
0.15N
16.3 ± 1.2mm
4mm
1mm
2mm
CSM31530-
CSM31030-
CSM30530-
Long lever
0.25N
0.05N
17.2 ± 2.5mm
8mm
2mm
4mm
CSM31531-
-
CSM30531-
Long wide lever
0.25N
0.07N
17.2 ± 2.5mm
8mm
2mm
4mm
CSM31540-
CSM31040-
CSM30540-
Simulated roller
1.05N
0.2N
19.5 ± 1.2mm
4mm
1mm
2mm
CSM31550-
CSM31050-
CSM30550-
Standard roller
3.2N
0.6N
21.4 ± 0.6mm
1.4mm
0.4mm
1mm
CSM31560
CSM31060-
CSM30560-
Long arm roller
0.8N
0.15N
21.4 ± 1.2mm
4mm
1mm
2mm
CSM3
Types of actuator
Suffix A = Solder
7
6
3.9
Suffix B = Screws
Suffix C = 6.3 quick connect
Suffix D = 4.8 quick connect
7
6
3.9
3.9
8
6.3
0.8
8
M3
4.8
4.8
0.8
3
10.4
Short lever
Long arm roller
Long wide lever
Button
Standard lever
Long lever
Simulated roller
Standard roller
3.4
4
10.3
27.8
22.2
36.5
8.1
4.3
8.1
4.3
59.5
4.3
8.1
32.6
R3.5
4x4 Dia
8.1
20.2
9.5
8.1
63
4x4 Dia
34
8.1
4.3
8.1
22
*Please add suffix for terminal type (eg CSM31540A - 15A simulated roller type with solder tag terminals)
Types of terminal


Similar Part No. - CSM31010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSM30003PJM TI1-CSM30003PJM Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
CSM30003Y TI1-CSM30003Y Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
logo
Caliber Electronics Inc...
CSM32C1 CALIBER-CSM32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CSM32C3 CALIBER-CSM32C3 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CSM32C5 CALIBER-CSM32C5 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
More results

Similar Description - CSM31010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
JZC-32F DBLECTRO-JZC-32F Datasheet
350Kb / 2P
5A 10A switching capabilities
logo
HuaXinAn Electronics CO...
JZC-32FA HUAXINAN-JZC-32FA Datasheet
422Kb / 1P
5A 10A switching capabilities.
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
5A 10A switching capabilities
JZC-32FLA HUAXINAN-JZC-32FLA Datasheet
422Kb / 1P
5A 10A switching capabilities.
JZC-32FLC HUAXINAN-JZC-32FLC Datasheet
422Kb / 1P
5A 10A switching capabilities
JZC-33FA HUAXINAN-JZC-33FA Datasheet
411Kb / 1P
5A 10A switching capabilities
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
5A 10A switching capabilities
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
CamdenBoss Ltd.
CSM405 CAMDENBOSS-CSM405 Datasheet
910Kb / 1P
V4 type sub miniature microswitches 5A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com