Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS030 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CS030
Description  COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CS030 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CS030 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
145
130
PRODUCT CATALOGUE - STEGO
TECHNICAL DATA
Heating element
PTC resistor – temperature limiting
Temperature safety cut-out
to protect against overheating in case of fan failure, automatic reset
Axial fan, ball bearing
airflow 160 m³/h, free flow
service life 50,000 h at +25 °C (+77 °F)
Connection
2-pole max. 2.5 mm², clamping screw with strain relief,
torque 0.8 Nm max.
Casing
plastic according to UL94 V-0, black
Mounting
screw fixing (M5)
Fitting position
vertical airflow (air outet up)
Dimensions
168 x 145 x 120 mm
Weight
approx. 1.2 kg
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
CS 030 | 1,200 W
The compact high performance fan heater prevents formation of condensation and frost and provides an evenly
distributed interior air temperature in enclosures with electric/electronic components. The plastic housing
provides double insulation and acts as protection against contact. The fan heater is available with optional integrated
thermostat for temperature control. The CS 030 was designed as a stationary unit for the bottom of the enclosure.
For wall fixing the fan heater CS 130 is recommended.
> Compact design
> High heating performance
> Double insulated
> Integrated thermostat (optional)
Connection diagram
Heating capacity / Ambient temperature diagram CS 030
Temperature (°C)
Art. No.
Model
Operating voltage
Heating
capacity¹
Inrush current
max.
Recommended
pre-fuse T (time-delay)
Setting range²
Approvals
03060.0-00
Fan Heater with thermostat
AC 230 V, 50/60 Hz
1,200 W
13.0 A
10.0A
0 to +60 °C
VDE
UL File No. E150057³
EAC
03060.0-01
Fan Heater without thermostat
AC 230 V, 50/60 Hz
1,200 W
13.0 A
10.0A
-
VDE
UL File No. E150057³
EAC
03060.9-00
Fan Heater with thermostat
AC 120 V, 50/60 Hz
1,200 W
16.0 A
16.0A
+32 to +140 °F
-
UL File No. E150057³
EAC
03060.9-01
Fan Heater without thermostat
AC 120 V, 50/60 Hz
1,200 W
16.0 A
16.0A
-
-
UL File No. E150057³
EAC
¹ at +20 °C (+68 °F) ambient temperature; ² Switch temperature difference 7 K (±4 K tolerance); ³ according to UL 508A, NITW File on request
HEATING
36TECHNICAL DATASHEET


Similar Part No. - CS030

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS0305B CUI-CS0305B Datasheet
340Kb / 4P
CURRENT SENSOR
CS0305B CUI-CS0305B Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Same Sky Devices
CS0305B SAMESKY-CS0305B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
CS0305U SAMESKY-CS0305U Datasheet
302Kb / 4P
CURRENT SENSOR
09/12/2024
More results

Similar Description - CS030

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CS130 STEGO-CS130 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
HGL046 STEGO-HGL046 Datasheet
204Kb / 1P
COMPACT FAN HEATER
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com