Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS060 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CS060
Description  TOUCH-SAFE HEATER (SEMICONDUCTOR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CS060 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CS060 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
L
N
L
N
N
L
PRODUCT CATALOGUE - STEGO
Touch-safe heater for the use in enclosures with electrical/electronical components. The design of the heater
supports the natural convection which results in a high air-current of warm air. The surface temperatures on
the accessible side surfaces of the housing are kept down as a result of the heater design. Our complete range
of thermostats and hygrostats can directly be connected to the heater CS 060. This heater is also available in a
version with plug-in thermostat requiring no additional wiring (CSF 060). The heaters are designed for permanent
operation.
> Low surface temperature
> Quick mounting due to clip fixing
> Double insulated (plastic)
> Wide voltage range
> Small size
Heater
CS 060
AC
AC
Heater
CS 060
Heater
CS 060
Thermostat
FTO 011
Thermostat
FTO 011
Examples of connection
Heating capacity / Ambient temperature diagram CS 060
Temperature ( °C)
TECHNICAL DATA
Operating voltage
AC/DC 120 – 240 V¹ (min. 110 V, max. 265 V)
Heating element
PTC resistor – temperature limiting
Surface temperature
< +80 °C (+176 °F), except upper protective grille
Connection
4-pole terminal 2.5 mm², torque 0.8 Nm max.
Casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715
Fitting position
vertical airflow (air outlet up, connection on bottom)
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
Approvals
VDE, UL File No. E150057, EAC
Note
other voltages on request
¹ Operating with voltages below AC/DC 140 V reduces heating performance by approx. 10 %.
Art. No.
Heating capacity²
Inrush current (max.)
Recommended pre-fuse T (time-delay)
Air outlet temperature³
Dimensions
Weight (approx.)
06000.0-00
50 W
2.5 A
4.0 A
+86 °C (+186.8 °F)
110 x 60 x 90 mm
0.3 kg
06010.0-00
100 W
4.5 A
8.0 A
+120 °C (+248 °F)
110 x 60 x 90 mm
0.3 kg
06020.0-00
150 W
8.0 A
10.0 A
+145 °C (+293 °F)
150 x 60 x 90 mm
0.5 kg
² ambient temperature – see Heating capacity / ambient temperature diagram; ³ measured 50 mm above protective grille
TOUCH-SAFE HEATER (SEMICONDUCTOR)
CS 060 | 50 W to 150 W
HEATING
20TECHNICAL DATASHEET


Similar Part No. - CS060

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-100+ PREMO-CS0603-100+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-101+ PREMO-CS0603-101+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-110+ PREMO-CS0603-110+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-111+ PREMO-CS0603-111+ Datasheet
382Kb / 2P
Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
More results

Similar Description - CS060

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
CSK060 STEGO-CSK060 Datasheet
159Kb / 1P
TOUCH-SAFE SMALL HEATER (SEMICONDUCTOR)
22.01.2021
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGK047 STEGO-HGK047 Datasheet
161Kb / 1P
SMALL SEMICONDUCTOR HEATER
24.08.2020
RC016 STEGO-RC016 Datasheet
167Kb / 1P
SMALL SEMICONDUCTOR HEATER
9.03.2019
RCE016 STEGO-RCE016 Datasheet
150Kb / 1P
SMALL SEMICONDUCTOR HEATER
28.08.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com