Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS130 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CS130
Description  COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CS130 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CS130 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
37
150
168
STEGO - PRODUCT CATALOGUE
TECHNICAL DATA
Heating element
PTC resistor – temperature limiting
Temperature safety cut-out
to protect against overheating in case of fan failure, automatic reset
Axial fan, ball bearing
airflow 160 m³/h, free flow
service life 50,000 h at +25 °C (+77 °F)
Connection
2-pole max. 2.5 mm², clamping screw with strain relief,
torque 0.8 Nm max.
Casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715 or screw fixing (M6)
Fitting position
vertical airflow (air outlet up)
Dimensions
182 x 168 x 120 mm
Weight
approx. 1.3 kg
Operating/Storage temperature
-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
CS 130 | 1,200 W
The compact high performance fan heater prevents formation of condensation and frost and provides an evenly
distributed interior air temperature in enclosures with electric/electronic components. The plastic housing provides
double insulation and acts as protection against contact. The fan heater is available with optional integrated
thermostat for temperature control. The CS 130 was designed as a stationary unit for wall fixing. For fixing on the
bottom of the enclosure the fan heater CS 030 is recommended.
> Compact design
> High heating performance
> Double insulated
> Integrated thermostat (optional)
> Optional clip or screw fixing
Heating capacity / Ambient temperature diagram CS 130
Temperature (°C)
Connection diagram
Art. No.
Model
Operating voltage
Heating
capacity¹
Inrush current
max.
Recommended
pre-fuse T (time-delay)
Setting range²
Approvals
13060.0-00
Fan Heater with thermostat
AC 230 V, 50/60 Hz
1,200 W
13.0 A
10.0 A
0 to +60 °C
VDE
UL File No. E150057³
EAC
13060.0-01
Fan Heater without thermostat
AC 230 V, 50/60 Hz
1,200 W
13.0 A
10.0 A
-
VDE
UL File No. E150057³
EAC
13060.9-00
Fan Heater with thermostat
AC 120 V, 50/60 Hz
1,200 W
16.0 A
16.0 A
+32 to +140 °F
-
UL File No. E150057³
EAC
13060.9-01
Fan Heater without thermostat
AC 120 V, 50/60 Hz
1,200 W
16.0 A
16.0 A
-
-
UL File No. E150057³
EAC
¹ at +20 °C (+68 °F) ambient temperature; ² Switch temperature difference 7 K (±4 K tolerance); ³ according to UL 508A, NITW File on request
HEATING
37
TECHNICAL DATASHEET


Similar Part No. - CS130

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS130 COTO-CS130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CS130 COTO-CS130 Datasheet
633Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
Lumileds Lighting Compa...
CS130 LUMILEDS-CS130 Datasheet
1Mb / 3P
Innovative color mixing LEDs enable compact
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
Media Coprocessor
logo
Power-One
CS1301-7R POWER-ONE-CS1301-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - CS130

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS030 STEGO-CS030 Datasheet
245Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CSF028 STEGO-CSF028 Datasheet
663Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
HGL046 STEGO-HGL046 Datasheet
204Kb / 1P
COMPACT FAN HEATER
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com