Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF028 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # CSF028
Description  COMPACT SEMICONDUCTOR FAN HEATER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

CSF028 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  CSF028 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
26
PRODUCT CATALOGUE - STEGO
HEATING
TECHNICAL DATA
Heating element
PTC resistor – temperature limiting
Temperature safety cut-out
to protect against overheating in case of fan failure, automatic reset
Axial fan, ball bearing
air flow, free flow
CSF 028: 45 m³/h (AC 230 V), 54 m³/h (AC 120 V)
service life 40,000 h at +40 °C (+104 °F)
Connection
2-pole dual pressure clamp for rigid wire 2.5 mm²,
stranded wire (with wire end ferrule) 1.5 mm²
Casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715 or screw fixing (Ø 5.5 mm),
clamping torque 2 Nm max., washers have to be used
Fitting position
vertical airflow (air outlet up)
Dimensions
models with clip fixing: 105 x 85 x 118 mm,
models with screw flange fixing: 105 x 115 x 108 mm
Weight
0.5 kg
Operating/Storage temperature
-40 to +70 °C (-40 to +158 °F)/-45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated)
COMPACT SEMICONDUCTOR FAN HEATER
CSF 028 | 250 W, 400 W
The compact fan heater prevents formation of condensation and provides an evenly distributed interior air
temperature in enclosures with electric/electronic components. The touch-safe plastic housing and the small
dimensions makes it ideal for use in enclosures with high packing density. The CSF 028 is equipped with a preset
thermostat. It is connected via external clamps. The fan heater is available with two different mounting systems
– either mounting by screw flange or by clip. The robust screw flange fixing is particularly suitable for applications
with high vibration.
> Small, compact design
> Integrated pre-set thermostat
> Dynamic heating up
> Quick connection
> Clip or screw flange fixing
CSF 028 with clip fixing
CSF 028 with screw flange fixing
Art. No.
clip fixing
Art. No.
screw flange
fixing
Operating voltage
Heating
capacity¹
Inrush current
max.
Recommended
pre-fuse T
(time-delay)
Switch-off
temperature²
Switch-on
temperature²
Approvals
02821.0-06
02821.0-08
AC 230 V, 50/60 Hz
250 W
9,0 A
10,0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
VDE
UL File No. E234324
EAC
02821.0-09
02821.0-11
AC 230 V, 50/60 Hz
250 W
9,0 A
10,0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
VDE
UL File No. E234324
EAC
02820.0-06
02820.0-08
AC 230 V, 50/60 Hz
400 W
15,0 A
16,0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
VDE
UL File No. E234324
EAC
02820.0-09
02820.0-11
AC 230 V, 50/60 Hz
400 W
15,0 A
16,0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
VDE
UL File No. E234324
EAC
02821.9-06
02821.9-08
AC 120 V, 50/60 Hz
250 W
6,0 A
10,0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
-
UL File No. E234324
EAC
02821.9-09
02821.9-11
AC 120 V, 50/60 Hz
250 W
6,0 A
10,0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
-
UL File No. E234324
EAC
02820.9-06
02820.9-08
AC 120 V, 50/60 Hz
400 W
9,0 A
10,0 A
+15 °C (+59 °F)
+5 °C (+41 °F)
-
UL File No. E234324
EAC
02820.9-09
02820.9-11
AC 120 V, 50/60 Hz
400 W
9,0 A
10,0 A
+25 °C (+77 °F)
+15 °C (+59 °F)
-
UL File No. E234324
EAC
¹ at +20 °C (+68 °F) ambient temperature; ² tolerance of ±5 K
Note: Other switch-off and switch-on temperatures on request.
26TECHNICAL DATASHEET


Similar Part No. - CSF028

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CSF032 STEGO-CSF032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CSF060 STEGO-CSF060 Datasheet
217Kb / 1P
TOUCH-SAFE HEATER (SEMICONDUCTOR)
19.03.2019
More results

Similar Description - CSF028

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CR027 STEGO-CR027 Datasheet
204Kb / 1P
SEMICONDUCTOR FAN HEATER
19.03.2019
CR030 STEGO-CR030 Datasheet
236Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CR130 STEGO-CR130 Datasheet
240Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER
21.08.2020
CS028 STEGO-CS028 Datasheet
698Kb / 1P
COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
CS030 STEGO-CS030 Datasheet
245Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
CS032 STEGO-CS032 Datasheet
210Kb / 2P
HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
25.01.2021
CS130 STEGO-CS130 Datasheet
250Kb / 1P
COMPACT HIGH-PERFORMANCE FAN HEATER (SEMICONDUCTOR)
19.03.2019
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGL046 STEGO-HGL046 Datasheet
204Kb / 1P
COMPACT FAN HEATER
19.03.2019
RC016 STEGO-RC016 Datasheet
167Kb / 1P
SMALL SEMICONDUCTOR HEATER
9.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com