Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHDASMP21 Datasheet(PDF) 3 Page - CamdenBoss Ltd.

Part # CHDASMP21
Description  X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDASMP21 Datasheet(HTML) 3 Page - CamdenBoss Ltd.

  CHDASMP21 Datasheet HTML 1Page - CamdenBoss Ltd. CHDASMP21 Datasheet HTML 2Page - CamdenBoss Ltd. CHDASMP21 Datasheet HTML 3Page - CamdenBoss Ltd. CHDASMP21 Datasheet HTML 4Page - CamdenBoss Ltd. CHDASMP21 Datasheet HTML 5Page - CamdenBoss Ltd. CHDASMP21 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
325
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
FM 28614
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
Vers 2
AC CES SORIES
Vents t o fit X6, X7
and X8 enclosur es
• Vents in two sizes for heat
extraction
• The vent includes a gasket for
water resistant applications
• Designed to meet the
requirements of IP34
PART NO.
CUTOUT DIAMETER
MATERIAL
CHDA201V
63
Polycarbonate
CHDA202V
88
Polycarbonate
CHDA301V
63
ABS
CHDA302V
88
ABS
Mounting br ack ets
t o fit X6, X7 and
X8 enclosur es
• Brackets to mount each
enclosure to any surface/wall
• See cross reference page 328
to select the correct size for
your enclosure
PART NO.
SIZE
CHDAPB014/4
1
Size 1 Bracket, 4x12 S/T Screw, 4pc kit
CHDAPB015/4
1
Size 1 Bracket, 5x12 S/T Screw, 4pc kit
CHDAPB025/4
2
Size 2 Bracket, M5x12 Screw, 4pc kit
CHDAPB025/6
2
Size 2 Bracket, M5x12 Screw, 6pc kit
CHDAPB026/6
2
Size 2 Bracket, M6x12 Screw, 6pc kit
Mounting pla t es t o fit X6, X7
and X8 enclosur es
• Material: Steel
• Mounting plates for each enclosure available
• See cross reference page 329 to select the
correct size for your enclosure
PART NO.
LENG TH mm
WIDTH
CHDASMP21
65mm
95mm
CHDASMP22
65mm
115mm
CHDASMP23
65mm
165mm
CHDASMP24
65mm
235mm
CHDASMP25
101mm
161mm
CHDASMP26
159mm
159mm
CHDASMP27
159mm
248mm
CHDASMP28
248mm
348mm
CHDASMP29
295mm
395mm
CHDASMP30
85mm
232mm
CHDASMP32
129mm
179mm
CHDASMP33
129mm
224mm
CHDASMP34
170mm
266mm
CHDASMP35
179mm
179mm
CHDASMP36
216mm
316mm
CHDASMP37
262mm
262mm
CHDASMP38
265mm
365mm
CHDASMP39
358mm
458mm
CHDASMP40
450mm
555mm
CHDASMP41
550mm
755mm
CHDASMP42
248mm
248mm
CHDASMP43
248mm
308mm
CHDASMP44
232mm
535mm
CHDASMP45
345mm
535mm
CHDASMP46
159mm
348mm
CHDASMP49
65mm
65mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com