Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHDASMP24 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CHDASMP24
Description  X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDASMP24 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CHDASMP24 Datasheet HTML 1Page - CamdenBoss Ltd. CHDASMP24 Datasheet HTML 2Page - CamdenBoss Ltd. CHDASMP24 Datasheet HTML 3Page - CamdenBoss Ltd. CHDASMP24 Datasheet HTML 4Page - CamdenBoss Ltd. CHDASMP24 Datasheet HTML 5Page - CamdenBoss Ltd. CHDASMP24 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
323
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
FM 28614
Vers 5
X8 Series Wa t erpr oof Hinged Door
Enclosur e - P oly carbona t e
Pr oduct o v ervie w
• Heavy duty hinge lid and latch
enclosure
• Moulded in high quality polycarbonate
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Brass inserts in the base
• Gasket moulded into the enclosure lid
• Clear lid option available
• Wall mounting accessories available
• Key lock latch accessories available
• X8 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
CHDX8
SPECIFICATION
Materials
Polycarbonate UL94-V0
Operating temperature
-40°C to + 110°C
Protection class
X8 series has been tested and meets the requirements of IP67, IK08
Standard colours
Grey, transparent lid option
Standard unit Includes
Box and lid
Available accessories
Dual door kit, mount plates, integral lock, vents, wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CHDX8-221
CHDX8-221C
260mm
110mm
75mm
CHDX8-222
CHDX8-222C
260mm
110mm
100mm
CHDX8-223
CHDX8-223C
185mm
135mm
85mm
CHDX8-224
CHDX8-224C
185mm
135mm
100mm
CHDX8-225
CHDX8-225C
220mm
170mm
105mm
CHDX8-226
CHDX8-226C
270mm
170mm
110mm
CHDX8-227
CHDX8-227C
300mm
200mm
150mm
CHDX8-228
CHDX8-228C
300mm
200mm
180mm
CHDX8-229
CHDX8-229C
210mm
210mm
100mm
CHDX8-230
CHDX8-230C
350mm
250mm
180mm
CHDX8-231
CHDX8-231C
300mm
300mm
180mm
CHDX8-232
CHDX8-232C
400mm
300mm
180mm
CHDX8-233
CHDX8-233C
500mm
400mm
200mm
CHDX8-234
CHDX8-234C
630mm
530mm
255mm
CHDX8-235
CHDX8-235C
830mm
630mm
185mm
CHDX8-236
CHDX8-236C
830mm
630mm
285mm
KEY FEATURES
Eas y c omponent maint enanc e | Hea v y duty hinge | Br as s inserts


Similar Part No. - CHDASMP24

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CHDASMP24 CAMDENBOSS-CHDASMP24 Datasheet
842Kb / 6P
X6 Series IP67 Electrical Knockout Enclosure - Polycarbonate
CHDASMP24 CAMDENBOSS-CHDASMP24 Datasheet
723Kb / 6P
X7 series electrical heavy duty enclosures-polycarbonate
More results

Similar Description - CHDASMP24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
EK012 ALTECH-EK012 Datasheet
68Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE EK012
logo
Bud Industries, Inc.
SCD-8876 BUD-SCD-8876 Datasheet
55Kb / 1P
PLEXIGLAS PANELED DOOR LH HINGED
SCD-8866 BUD-SCD-8866 Datasheet
49Kb / 1P
SOLID STEEL DOOR LH HINGED
logo
Hammond Manufacturing L...
PJHMI HAMMOND-PJHMI Datasheet
146Kb / 2P
Polycarbonate HMI Hinged Cover Kits
5/1/22
logo
FIBOX Enclosing innovat...
4810000 FIBOX-4810000 Datasheet
159Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810001 FIBOX-4810001 Datasheet
237Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4810002 FIBOX-4810002 Datasheet
171Kb / 2P
Hinged polycarbonate enclosure with grey cover
01.08.2023
4811000 FIBOX-4811000 Datasheet
235Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
4811001 FIBOX-4811001 Datasheet
241Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
4811002 FIBOX-4811002 Datasheet
177Kb / 2P
Hinged polycarbonate enclosure with transparent cover
01.08.2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com