Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHDASMP27 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CHDASMP27
Description  X8 Series Waterproof Hinged Door Enclosure - Polycarbonate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CHDASMP27 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CHDASMP27 Datasheet HTML 1Page - CamdenBoss Ltd. CHDASMP27 Datasheet HTML 2Page - CamdenBoss Ltd. CHDASMP27 Datasheet HTML 3Page - CamdenBoss Ltd. CHDASMP27 Datasheet HTML 4Page - CamdenBoss Ltd. CHDASMP27 Datasheet HTML 5Page - CamdenBoss Ltd. CHDASMP27 Datasheet HTML 6Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
HEAV Y DUTY AND ELECTRICAL ENCLO SURES
324
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
FM 28614
Vers 5
X8 Series Wa t erpr oof Hinged Door
Enclosur e - ABS
Pr oduct o v ervie w
• Heavy duty hinge lid and latch
enclosure
• Moulded in high quality ABS
• Pillars in the base can be used for PCB
mounting or DIN rail mounting, etc.
• Brass inserts in the base
• Gasket moulded into the enclosure lid
• Clear lid option available
• Wall mounting accessories available
• Key lock latch accessories available
• X8 series meets the requirements of IP67
(equivalent to NEMA 6)
• IK08 impact tested
CHDX8
SPECIFICATION
Materials
ABS UL94-HB
Operating temperature
-40°C- to + 70°C
Protection class
X8 series has been tested and meets the requirements of IP67, IK08
Standard colours
Grey, transparent lid option
Standard unit Includes
Box and lid
Available accessories
Dual door kit, mount plates, integral lock, vents, wall mounts
SOLID LID
CLEAR LID
LENG TH
WIDTH
HEIGHT
CHDX8-321
CHDX8-321C
260mm
110mm
75mm
CHDX8-322
CHDX8-322C
260mm
110mm
100mm
CHDX8-323
CHDX8-323C
185mm
135mm
85mm
CHDX8-324
CHDX8-324C
185mm
135mm
100mm
CHDX8-325
CHDX8-325C
220mm
170mm
105mm
CHDX8-326
CHDX8-326C
270mm
170mm
110mm
CHDX8-327
CHDX8-327C
300mm
200mm
150mm
CHDX8-328
CHDX8-328C
300mm
200mm
180mm
CHDX8-329
CHDX8-329C
210mm
210mm
100mm
CHDX8-330
CHDX8-330C
350mm
250mm
180mm
CHDX8-331
CHDX8-331C
300mm
300mm
180mm
CHDX8-332
CHDX8-332C
400mm
300mm
180mm
CHDX8-333
CHDX8-333C
500mm
400mm
200mm
CHDX8-334
CHDX8-334C
630mm
530mm
255mm
CHDX8-335
CHDX8-335C
830mm
630mm
185mm
CHDX8-336
CHDX8-336C
830mm
630mm
285mm
KEY FEATURES
Eas y c omponent maint enanc e | PCB s tand offs | Hea v y duty hinge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com