Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP165 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # LP165
Description  ENCLOSURE HEATER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LP165 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  LP165 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
L
N
L [mm]
60W
107
75W
107
100W
167
150W
167
121
115
STEGO - PRODUCT CATALOGUE
Art. No.
Heating capacity¹
Inrush current max.
Recommended pre-fuse T (time-delay)
Length (L)
Weight (approx.)
16501.0-00
60 W
4.0 A
6.0 A
107 mm
0.3 kg
16502.0-00
75 W
4.0 A
6.0 A
107 mm
0.3 kg
16503.0-00
100 W
6.0 A
8.0 A
167 mm
0.5 kg
16504.0-00
150 W
8.0 A
10.0 A
167 mm
0.5 kg
¹ measured at +20 °C (+68 °F) ambient temperature
TECHNICAL DATA
Operating voltage
AC/DC 120-240 V (min. 110 V, max. 265 V)
Heating element
PTC resistor - temperature limiting
Heater body
extruded aluminium profile, anodised
Connection
3 x pressure clamps for stranded wire 0.5 - 1.5 mm²(with wire
end ferule) and rigid wire 0.5 – 2.5 mm²
Connection casing
plastic according to UL94 V-0, black
Mounting
clip for 35 mm DIN rail, EN 60715
Fitting position
vertical airflow (air outlet up, connection on bottom)
Operating/Storage temperature
-45 °C to +70 °C (-49 °F to +158 °F)
Operating/Storage humidity
< 90 % RH (non-condensing)
Protection type/Protection class
IP20 / I (earthed)
Approvals
VDE
UL File No. 234324
EAC
Note
other voltages on request
ENCLOSURE HEATER
LP 165 | 60 W to 150 W
Example of connection
Thermostat
KTO 111 (NC)
Heater LP 165
HEIZEN
Compact heater with PTC heating elements for heating enclosures with electrical or electronic components. The
heater prevents too low temperatures and thus condensation harming the components. The design of the alumi-
nium profile creates a chimney effect, which ensures great convection resulting in excellent heat dissipation within
the enclosure. The practical push-in clamping terminal ensures quick and easy electrical connection. The heaters
are designed for continuous operation.
> Clip fixing and pressure clamp for
quick mounting
> Dynamic heating up through
PTC technology
> Heater body in loop design for
optimal temperature distribution
> Wide voltage range
> Additional approvals
1
TECHNICAL DATASHEET


Similar Part No. - LP165

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP16 ALTECH-LP16 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
E-SWITCH
LP16 E-SWITCH-LP16 Datasheet
200Kb / 2P
LP16 SERIES
logo
Superworld Electronics
LP16-150 SUPERWORLD-LP16-150 Datasheet
109Kb / 1P
POWER TRANSFORMER
LP16-1500 SUPERWORLD-LP16-1500 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP16-150B25 PULSE-LP16-150B25 Datasheet
152Kb / 1P
Laminated Transformers
More results

Similar Description - LP165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
PTC Heater
logo
Analog Technologies, In...
AMCHCXRXW ANALOGTECHNOLOGIES-AMCHCXRXW Datasheet
310Kb / 3P
Metal Ceramics Heater
6/9/2022
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
FLAT HEATER
19.08.2020
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
ENCLOSURE HEATER
11.11.2022
LT065 STEGO-LT065 Datasheet
503Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
ENCLOSURE HEATER
11.11.2022
RC016 STEGO-RC016_V01 Datasheet
237Kb / 1P
FLAT ENCLOSURE HEATER
10.10.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com