Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32C Datasheet(PDF) 1 Page - Silicon Supplies

Part # TIP32C
Description  PNP Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TIP32C Datasheet(HTML) 1 Page - Silicon Supplies

  TIP32C Datasheet HTML 1Page - Silicon Supplies TIP32C Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.siliconsupplies.com
Die Size
(Excluding Saw Street)
1500 x 1500
59 x 59
µm
mils
Base Pad Size
Emitter Pad Size
11 x 25
11 x 34
mils
Die Thickness
318 (±25)
12.5 (±1)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Ti/Ni/Ag
PNP Transistor Bare Die - TIP32C
Bipolar Medium Power Transistor in bare die form
Complement to NPN TIP31C
Collector current up to 3A
High switching speed
Improved hFE linearity
Solderable back metal
High Reliability tested grades for Military + Space
Rev 1.0
22/08/23
Features:
Die Dimensions in µm (mils)
1500 (59)
DIE BACK = COLLECTOR
Ordering Information:
The following part suffixes apply:
No suffix - Commercial grade die
“H” – Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
B
E


Similar Part No. - TIP32C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32C

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
MPSA56 SS-MPSA56 Datasheet
920Kb / 4P
PNP Transistor Bare Die
BTP981 SS-BTP981 Datasheet
934Kb / 4P
PNP Transistor Bare Die
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
PNP Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
PNP Transistor Bare Die
TIP42C SS-TIP42C_V01 Datasheet
315Kb / 2P
PNP Transistor Bare Die
Rev 1.1 22/08/23
SIS953 SS-SIS953 Datasheet
307Kb / 2P
PNP Transistor Bare Die
Rev 1.1 13/10/23
TIP127 SS-TIP127 Datasheet
210Kb / 2P
PNP Transistor Bare Die
Rev 1.0 19/12/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com