Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT800M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # PT800M
Description  Standard Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PT800M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  PT800M Datasheet HTML 1Page - Inchange Semiconductor Company Limited PT800M Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISU6030
eq PT800M
Standard Recovery Rectifier Diodes
www.iscsemi.com
1
DESCRIPTION
· High power dissipation
· VRRM up to 1000 V
APPLICATIONS
· Polarity Protection
· Power Supplies
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1000
V
VRMS
RMS Voltage
1000
V
VDC
DC Blocking Voltage
1000
V
IFAV
Average Forward Rectified Current @Ta=100℃
8
A
IFRM
Repetitive peak forward current @Tc=100℃
30
A
IFSM
Peak forward surge current Half sine-wave 50Hz (10 ms)
135
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - PT800M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800M DIOTEC-PT800M Datasheet
119Kb / 2P
Silicon Rectifier Diodes - Single Diode
PT800M DIOTEC-PT800M Datasheet
112Kb / 2P
Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
PT800M DIOTEC-PT800M Datasheet
120Kb / 2P
Silicon Rectifier Diodes . Single Diode
PT800M DIOTEC-PT800M Datasheet
120Kb / 2P
Silicon Rectifier Diodes - Single Diode
PT800M DIOTEC-PT800M Datasheet
166Kb / 2P
Standard Recovery Rectifier Diodes
More results

Similar Description - PT800M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY88050 DIOTEC-BY88050_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com