Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHT2.2M25 Datasheet(PDF) 1 Page - NTE Electronics

Part # VHT2.2M25
Description  105째C ALUMINUM ELECTROLYTIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

VHT2.2M25 Datasheet(HTML) 1 Page - NTE Electronics

  VHT2.2M25 Datasheet HTML 1Page - NTE Electronics VHT2.2M25 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VHT SERIES
105
°C ALUMINUM ELECTROLYTIC
10
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SUBMINIATURE
(Radial Lead, 105
°C Max)
The NTE VHT series of aluminum electrolytic capacitors
are designed for use in automotive, commercial, and in-
dustrial applications. These high temperature, radial lead
capacitors are especially suitable for applications that re-
quire extended life and higher temperature operation.
RATINGS
Capacitance Range: 0.1
µf to 4700µf
Tolerance:
±20%
Voltage Range: 16 to 250 Volts
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–40
°C to +105°C (–40°F to +220.9°F)
Leakage Current:
6.3V to 100V:
≤ 0.01CV (+3µA)
160V to 250V:
≤ 0.03CV (+15µA)
Capacitance Tolerance:
±20% (M)
measured at +20
°C (+68°F), 120HZ
High Temperature Load Test:
1000 Hrs @ +105
°C (+220.9°F) and rated voltage
Ripple Current:
The ripple current multipliers (See Table) adjust
the current to make the capacitors operating tem-
perature the same for different ambient tempera-
tures and ripple frequencies.
Temperature
45
°C 55°C 65°C 75°C 85°C 95°C 105°C
Multiplier
1.5
1.46
1.32
1.17
1.0
0.79
0.5
Load Life: 1000 Hrs @ +105
°C (+220.9°F),
no voltage applied
Shelf Life: 1000 Hrs @ +105
°C (+220.9°F),
no voltage applied
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL–STD 202,
Method 208
Marking:
Consists of series type, nominal capacitance,
rated voltage, temperature range, anode and/or
cathode identification, vendor identification.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petro-
leum ether, propanol and/or commercial deter-
gents.
Halogenated hydrocarbon cleaning
agents such as Freon (MF, TF, or TC), trichloroe-
thylene, trichloroethane, or methylchloride are
not recommended as they may damage the ca-
pacitor.
CASE SIZE AND DIMENSIONS:
D’ Ø = D Ø + 0.5 Max
L’ = L + 1.0 Max at D Ø
≤ 8.0
L’ = L + 2.0 Max at D Ø
≥ 10.0
D Ø
D’ Ø
Insulating
Sleeve
d Ø
L
L’
5.0 Min
18.0 Min
A
±0.5
ORDERING INFORMATION
VHT
10
M
25
Series
Capacitance
Tolerance
Voltage


Similar Description - VHT2.2M25

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
105째C General Purpose Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
105째C Screw Terminal Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
105째C Standard Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com