Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP3 Datasheet(PDF) 2 Page - Vaisala

Part # HMP3
Description  General Purpose Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP3 Datasheet(HTML) 2 Page - Vaisala

  HMP3 Datasheet HTML 1Page - Vaisala HMP3 Datasheet HTML 2Page - Vaisala HMP3 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Measurement performance
Relative humidity
Measurement range
0 … 100 %RH
Accuracy at +23 °C (+73.4 °F) 1)
±0.8 %RH (0 … 90 %RH)
Factory calibration uncertainty 2)
±0.5 %RH (0 … 40 %RH)
±0.8 %RH (40 … 95 %RH)
T63 response time
15 s
Sensor options
HUMICAPâ R2
HUMICAPâ R2C 3)
HUMICAPâ 180VC 3) 4)
Temperature
Sensor
Pt100 RTD Class F0.1 IEC 60751
Measurement range
−40 … +120 °C (−40 … +248 °F)
Accuracy 1)
±0.1 °C (±0.18 °F)
Factory calibration uncertainty 2)
±0.1 °C (±0.18 °F) at +23 °C (+73.4 °F)
1)
Defined against calibration reference. Including non-linearity, hysteresis, and repeatability.
2) Defined as ±2 standard deviation limits. Small variations possible; see calibration certificate.
3) Sensor purge feature available with this sensor.
4) H2O2 resistant. With HUMICAPâ 180VC sensor, accuracy is not specified below −20 °C (−4 °F) operating
temperature.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
3.5
4.0
90
...
100
%RH
0 ... 90 %RH
HMP3 humidity measurement accuracy as a function of
temperature
0
0.1
0.2
0.3
0.4
Temperature [°C]
HMP3 temperature measurement accuracy over full
range
Operating environment
Operating temperature of probe head
−40 … +120 °C (−40 … +248 °F)
Operating temperature of probe body
−40 … +80 °C (−40 … +176 °F)
Storage temperature
−40 … +80 °C (−40 … +176 °F)
Operating environment
Suitable for outdoor use
Measurement environment
For air, nitrogen, hydrogen, argon,
helium, and oxygen 1)
IP rating of probe body
IP66
1)
Consult Vaisala if other chemicals are present. Consider safety regulations with flammable gases.
Inputs and outputs
Operating voltage
15 … 30 V DC
Current consumption
10 mA typical, 500 mA max.
Digital output
RS-485, non-isolated
Protocols
Modbus RTU
Output parameters
Absolute humidity (g/m3)
Relative humidity (%RH)
Absolute humidity at NTP (g/m3)
Relative humidity (dew/frost) (%RH)
Dew point temperature (°C)
Temperature (°C)
Dew/frost point temperature (°C)
Water concentration (ppmv)
Dew/frost point temperature at 1 atm
(°C)
Water concentration (wet basis)
(vol‑%)
Dew point temperature at 1 atm (°C)
Water mass fraction (ppmw)
Dew point temperature difference (°C) Water vapor pressure (hPa)
Enthalpy (kJ/kg)
Water vapor saturation pressure
(hPa)
Mixing ratio (g/kg)
Wet-bulb temperature (°C)
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
EMC compatibility
EN 61326‑1, industrial environment
Type approvals
DNV GL certificate no. TAA00002YT
Compliance marks
CE, China RoHS, RCM
Mechanical specifications
Connector
M12 5-pin A-coded male
Weight
302 g (10.65 oz)
Probe cable length
2 m (6.56 ft)
Materials
Probe
AISI 316L
Probe body
AISI 316L
Cable jacket
FEP
Accessories
Duct installation kit for humidity probe 210697
Solar radiation shield DTR502B
DTR502B
Cable gland M20×1.5 with split seal
HMP247CG
Indigo USB adapter 1)
USB2
1)
Vaisala Insight software for Windows available at www.vaisala.com/insight.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com