Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC640PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRC640PBF
Description  HEXFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC640PBF Datasheet(HTML) 9 Page - International Rectifier

  IRC640PBF Datasheet HTML 1Page - International Rectifier IRC640PBF Datasheet HTML 2Page - International Rectifier IRC640PBF Datasheet HTML 3Page - International Rectifier IRC640PBF Datasheet HTML 4Page - International Rectifier IRC640PBF Datasheet HTML 5Page - International Rectifier IRC640PBF Datasheet HTML 6Page - International Rectifier IRC640PBF Datasheet HTML 7Page - International Rectifier IRC640PBF Datasheet HTML 8Page - International Rectifier IRC640PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRC640PbF
www.irf.com
9
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/05
HexsenseTO-220 5L Package Outline
( Dimensions are shown in millimeters (inches)
LINE C
EXAMPLE:
LOT CODE 1789
ASS EMBLED ON WW 19, 1997
IN T HE ASSE MBLY LINE "C"
WIT H ASSEMBLY
T HIS IS AN IRC640
LOT CODE
AS SEMBLY
INT ERNATIONAL
RECTIFIER
LOGO
IRC640
17
89
719C
DAT E CODE
YE AR 7 = 1997
PART NUMBE R
WEEK 19
Hexsense TO-220 5L Part Marking Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com