Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP9208/3 Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTBP9208/3
Description  5 .08mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP9208/3 Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTBP9208/3 Datasheet HTML 1Page - CamdenBoss Ltd. CTBP9208/3 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
72
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
SCREWLES S
S TANDARD
PL UGGABLES
PL UGGABLES
PCB TERMINAL
BLOCKS
0 02
PART NO.
POLES
LENG TH
CTBP9308/2
2
11.6mm
CTBP9308/3
3
16.6mm
CTBP9308/4
4
21.7mm
CTBP9308/5
5
26.8mm
CTBP9308/6
6
31.9mm
CTBP9308/7
7
37.0mm
CTBP9308/8
8
42.0mm
CTBP9308/9
9
47.1mm
CTBP9308/10
10
52.2mm
CTBP9308/11
11
57.3mm
CTBP9308/12
12
62.4mm
PART NO.
POLES
LENG TH
CTBP9358/2
2
11.6mm
CTBP9358/3
3
16.6mm
CTBP9358/4
4
21.7mm
CTBP9358/5
5
26.8mm
CTBP9358/6
6
31.9mm
CTBP9358/7
7
37.0mm
CTBP9358/8
8
42.0mm
CTBP9358/9
9
47.1mm
CTBP9358/10
10
52.2mm
CTBP9358/11
11
57.3mm
CTBP9358/12
12
62.4mm
CTBP9358
CTBP9308
PART NO.
POLES
LENG TH
CTBP9308/2AO
2
10.2mm
CTBP9308/3AO
3
15.2mm
CTBP9308/4AO
4
20.3mm
CTBP9308/5AO
5
25.4mm
CTBP9308/6AO
6
30.5mm
CTBP9308/7AO
7
35.6mm
CTBP9308/8AO
8
40.6mm
CTBP9308/9AO
9
45.7mm
CTBP9308/10AO
10
50.8mm
CTBP9308/11AO
11
55.9mm
CTBP9308/12AO
12
61mm
PART NO.
POLES
LENG TH
CTBP9358/2AO
2
10.2mm
CTBP9358/3AO
3
15.2mm
CTBP9358/4AO
4
20.3mm
CTBP9358/5AO
5
25.4mm
CTBP9358/6AO
6
30.5mm
CTBP9358/7AO
7
35.6mm
CTBP9358/8AO
8
40.6mm
CTBP9358/9AO
9
45.7mm
CTBP9358/10AO
10
50.8mm
CTBP9358/11AO
11
55.9mm
CTBP9358/12AO
12
61mm
CTBP9358 AO
CTBP9308 AO
3.9
7.8
5.08
1
7.8
4
5.08
1
7.8
5.08
1
3.9
1
7.8
4
5.08
1
PCB mounting male v ertical c onnect or ( closed ended)
PCB mounting male horiz ontal c onnect or ( closed ended)
PCB mounting male v ertical c onnect or ( open ended)
PCB mounting male horiz ontal c onnect or ( open ended)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com