Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSN Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTSN
Description  12 way ny l o n terminal strips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTSN Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTSN Datasheet HTML 1Page - CamdenBoss Ltd. CTSN Datasheet HTML 2Page - CamdenBoss Ltd. CTSN Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
081
TERMINAL STRIPS
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
TERMINAL S TRIPS
96
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
0 95
100
151
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
158
INTERFACE
MODULES AND
RELAY BASES
12 w a y n ylon t erminal s trips
Pr oduct o v ervie w
• Moulded from:
Natural PA6 (standard, CTSN400)
Cream PA66 (CTSN500)
Grey PA66 glass fibre (CTSN600)
• Available with or without wire protection
• Passes 960°C glow-wire test according to EN
60695-2-11
• Printing available on request
• Easily cut to size
• Supplied cut to length on request
• Closed inserts (middle barrier) option
• Captive terminal screws
• C
US ,
,
,
approved
CTSN400
SPECIFICATION
Voltage
CTSN431-433
CTSN434-438
450VAC
750VAC (UL600VAC)
Working temperature
CTSN400
CTSN500
CTSN600
-30°C to +110°C
-30°C to +110°C
-30°C to +160°C
Moulding
CTSN400
CTSN500
CTSN600
UL94-V2 PA6
UL94-V0 PA66
UL94-V0 PA66 + GF
Standard insert
Nickel-plated brass
Terminal screws
Zinc-plated steel CQ-15
Wire protectors
Stainless steel
CTSN500 raised base
Part Numbers shown are for standard PA6
material (e.g. CTSN433/12)
For CSTN500 PA66 material change first
number to 5 (e.g. CTSN533/12)
For CSTN600 PA66+GF material change first
number to 6 (e.g. CTSN633/12)
S tandar d type
Standard type, no wire protection
L
W
H
P
PART NO.
WIRE
PROTECTION
INSERT
DIAMETER
CABLE
ACCEPTANCE
TERMINAL
SCREWS
LENG TH
WIDTH
HEIGHT
PITCH
FIXING
HOLE
DIAMETER
M AX
CURRENT
U L
RATING
CTSN431/12W
No
3.2mm
4.0mm2/12AWG
M3
94mm
18mm
15mm
8mm
2.8mm
32A
20A
CTSN431/12
Yes
3.2mm
2.5mm2/14AWG
M3
94mm
18mm
15mm
8mm
2.8mm
24A
15A
CTSN433/12W
No
3.5mm
6.0mm2/10AWG
M3
116mm
21mm
16mm
10mm
2.8mm
41A
30A
CTSN433/12
Yes
3.5mm
4.0mm2/12AWG
M3
116mm
21mm
16mm
10mm
2.8mm
32A
20A
CTSN434/12W
No
4.4mm
10.0mm2/8AWG
M3.5
140mm
23mm
18mm
12mm
2.8mm
57A
50A
CTSN434/12
Yes
4.4mm
6.0mm2/10AWG
M3.5
140mm
23mm
18mm
12mm
2.8mm
41A
30A
CTSN435/12W
No
6.0mm
16.0mm2/6AWG
M4
159mm
26mm
22.5mm
13.5mm
N/A
76A
65A
CTSN435/12
Yes
6.0mm
10.0mm2/8AWG
M4
164.5mm
29mm
23mm
14mm
N/A
57A
65A
CTSN438/12W
No
7.5mm
35mm2/2AWG
M5
177mm
31mm
27.5mm
15mm
N/A
125A
85A
Vers 2
Vers 2


Similar Part No. - CTSN

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CTS SYSTEMSENSOR-CTS Datasheet
663Kb / 2P
Waterflow Detector
CTS SYSTEMSENSOR-CTS Datasheet
411Kb / 2P
Waterfl ow Detector
CTS SYSTEMSENSOR-CTS Datasheet
494Kb / 2P
Waterflow Detector
logo
General Devices Company...
CTS GENERALDEVICES-CTS Datasheet
255Kb / 2P
Optional Mounting Brackets
logo
Premium PSU
CTS-120-6865 PSU-CTS-120-6865 Datasheet
759Kb / 9P
CTS-120
More results

Similar Description - CTSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBD-03-04-M ADAM-TECH-TBD-03-04-M Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TBE-05-03-B ADAM-TECH-TBE-05-03-B Datasheet
136Kb / 1P
BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com