Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSOS Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTSOS
Description  Easy b re a k terminal strips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTSOS Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTSOS Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
89
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
118
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
TERMINAL S TRIPS
158
INTERFACE
MODULES AND
RELAY BASES
FM 28614
EMS 613558
Eas y br eak t erminal s trips
Pr oduct o v ervie w
• Easily snapped to required
numbered of poles
• No remaining burrs
• No tools required
• Supplied with screws in
raised position
• 12 poles as standard
• Halogen free
• Passes 960°C glow-wire test
according to EN 60695-2-11
• Moulded in natural
UL94-V2 self extinguishing
PA6
• Black available on request (MOQ
may apply)
approved
SPECIFICATION
Rating
450VAC
Glow wire test (EN 606 95-2-11)
960°C
Working temperature
-30°C to +110°C
Moulding
UL94-V2 self extinguishing PA6
Materials:
Insert
crew
Nickel plated brass
Zinc plated steel
CTSOS
PART NO.
CONNECTING
CAPACITY
MIN CONDUCTOR
SECTION
TERMINAL
SCREWS
LENG TH
WIDTH
HEIGHT
PITCH
M AX
CURRENT
CTSOS431/12
2.5mm2
1mm2
M3
95.5mm
17.5mm
14.75mm
8mm
24A
CTSOS433/12
6mm2
2.5mm2
M3
118mm
19mm
15.6mm
10mm
41A
CTSOS434/12
10mm2
4mm2
M3.5
142mm
20.8mm
18.2mm
12mm
57A
CTSOS435/12
16mm2
6mm2
M4
160mm
23mm
21.2mm
13.5mm
76A
CTSOS438/12
35mm2
16mm2
M5
176.5mm
25.5mm
28mm
15mm
125A
KEY FEATURES
Fiv e siz e options | Easily snapped t o r equir ed siz e
Vers 2


Similar Part No. - CTSOS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CTS SYSTEMSENSOR-CTS Datasheet
663Kb / 2P
Waterflow Detector
CTS SYSTEMSENSOR-CTS Datasheet
411Kb / 2P
Waterfl ow Detector
CTS SYSTEMSENSOR-CTS Datasheet
494Kb / 2P
Waterflow Detector
logo
General Devices Company...
CTS GENERALDEVICES-CTS Datasheet
255Kb / 2P
Optional Mounting Brackets
logo
Premium PSU
CTS-120-6865 PSU-CTS-120-6865 Datasheet
759Kb / 9P
CTS-120
More results

Similar Description - CTSOS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBD-03-04-M ADAM-TECH-TBD-03-04-M Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TBE-05-03-B ADAM-TECH-TBE-05-03-B Datasheet
136Kb / 1P
BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com