Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS2P/3ES Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTS2P/3ES
Description  Screw to s c rewless terminal strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTS2P/3ES Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTS2P/3ES Datasheet HTML 1Page - CamdenBoss Ltd. CTS2P/3ES Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
081
TERMINAL STRIPS
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
TERMINAL S TRIPS
90
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
0 95
100
151
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
158
INTERFACE
MODULES AND
RELAY BASES
FM 28614
EMS 613558
Scr e w t o scr e wles s t erminal s trips
Pr oduct o v ervie w
• Moulded in UL94-V0 self extinguishing PA66
• Fast connection of two or four solid conductors
• Screw to screw earth terminal
• Raised screws for easier insertion of conductors
• 12-poles, 2-poles plus earth, 3-poles plus earth or
4-poles plus earth
• 12-pole types can be pre-cut to specified number
of poles
• All earth types marked with symbols for Live,
Earth and Neutral
• CE 72/73 and 93/68 Compliant with EN60598 4.7
and 11.2 (EN60598/1 for CTS4P series)
• All tests from EN60998-1, EN60998-2-1 and
EN60998-2-2
• Passes 960°C glow-wire test according to EN
60695-2-11
•
,
,
approved
PART
N O.
POLES
CONNECTING
CAPACITY
SCREW
CONNECTING
CAPACITY
FA S T (RIGID)
CONDUCTOR
SECTION (MIN)
SCREW
CONDUCTOR
SECTION (MIN)
FA S T (RIGID)
LENG TH
WIDTH
HEIGHT
EARTH
INSERT
FIXING
HOLE
CTS2P/12
12
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
119mm
19mm
20mm
-
2.8mm
CTS2P/3E
3 (2+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
27mm
27.5mm
20mm
4.1mm
2.8mm
CTS2P/3ES
3 (2+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
27mm
27.5mm
20mm
4.1mm
drill 3.2mm
CTS2P/4E
4 (3+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
37mm
27.5mm
20mm
4.1mm
2.8mm
CTS2P/4ES
4 (3+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
37mm
27.5mm
20mm
4.1mm
drill 3.2mm
CTS2P/5E
5 (4+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
47mm
27.5mm
20mm
4.1mm
2.8mm
CTS2P/5ES
5 (4+earth)
2.5mm2
2x 1.5mm2
1mm2
0.75mm2
47mm
27.5mm
20mm
4.1mm
drill 3.2mm
CTS4P/12
12
2.5mm2
4x 1.5mm2
1mm2
0.75mm2
118mm
21.5mm
17.6mm
-
2.9mm
CTS4P/12S
12
2.5mm2
4x 1.5mm2
1mm2
0.75mm2
118mm
21.5mm
17.6mm
-
drill 3.5mm
CTS4P/3ES
3 (2+earth)
2.5mm2
4x 1.0mm2
1mm2
0.75mm2
27.5mm
26.5mm
20mm
3.2mm
drill 3.2mm
CTSP
PART NO.
TERMINAL S TRIP
CSR4
CTS2P/E and CTS2P/ES
CSR5
CTS4P/ES
S tr ain r elief
Pr oduct o v ervie w
• Clamps external conductors in
lighting fixtures according to EN
60598
• Natural colour PA6
• Relieves strain on cables
• Prevents conductors from twisting
• Protects wire coating from abrasion
and friction
CSR
KEY FEATURES
Scr e wles s s tyle | Easily cut t o r equir ed siz e | P as ses G WT 960
° C
SPECIFICATION
Rating
24A 450VAC
Working temperature
+110°C
Moulding
UL94-V0 flame retardant PA66
Earth insert
Nickel-plated brass
Push in terminals
Insert
Clamping spring
Steel
Stainless steel
Fixing pitch
10mm
Vers 2


Similar Part No. - CTS2P/3ES

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTS2P/3ES CAMDENBOSS-CTS2P/3ES Datasheet
875Kb / 2P
Screw to s c rewless terminal strips
More results

Similar Description - CTS2P/3ES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Cornell Dubilier Electr...
CG164U010X5L CDE-CG164U010X5L Datasheet
264Kb / 2P
Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
logo
Adam Technologies, Inc.
ICM6281GT ADAM-TECH-ICM6281GT Datasheet
209Kb / 2P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
ICM-624-1-GT ADAM-TECH-ICM-624-1-GT Datasheet
114Kb / 1P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
BARRIER TERMINAL STRIPS
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
CamdenBoss Ltd.
CTS2P CAMDENBOSS-CTS2P Datasheet
875Kb / 2P
Screw to s c rewless terminal strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com