Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS2P/4E Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTS2P/4E
Description  Screw to s c rewless terminal strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTS2P/4E Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTS2P/4E Datasheet HTML 1Page - CamdenBoss Ltd. CTS2P/4E Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
91
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
118
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
TERMINAL S TRIPS
158
INTERFACE
MODULES AND
RELAY BASES
FM 28614
EMS 613558
CTS2P/3ES
CTS2P/4ES
CTS2P/5ES
CTS4P/12
2.9
2.4
21.5
118
21.5
118
10
10
17.6
17.6
27.5
10
10
26.5
20
3
3.2
3.5
20
27.5
10
2.8
3.2
20
Base thickness max 1mm
Base thickness max 1mm
65
20
3.3
3
58
20
3.3
3
119
19
10
20
1.4 3.4
27
10
2.8
4.1
37
10
2.8
4.1
47
10
2.8
27.5
20
4.1
CTS2P/12
CTS2P/3E
CTS2P/4E
CTS2P/5E
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com