Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUE82 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CUE82
Description  82 Series Multipurpose ABS Enclosure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CUE82 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CUE82 Datasheet HTML 1Page - CamdenBoss Ltd. CUE82 Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
UNIVERS AL PLA S TIC ENCLO SURES
306
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
FM 28614
Vers 2
82 Series Multipurpose ABS
Enclosur e
Pr oduct o v ervie w
Multi-purpose ABS cases, designed for a broad
range of applications.
• Universal plastic enclosure with screw
fastening
• Available in 26 sizes in two colours; white and
black
• Suitable for measuring instruments, testing,
devices, wireless communications devices,
medical devices etc
• Black enclosure UL94-HB
• White enclosure UL94-V0 (UL94-V1 where
indicated)*
• 82 series has been designed to meet the
requirements of IP40
SPECIFICATION
Materials
Lid and base high impact ABS
Black: UL94-HB
White: UL94-V0/UL94-V1
Operating temperature
-10°C to +60°C
Standard colours
Black and white
Protection class
82 series has been designed to meet the requirements of IP40
Standard unit includes
Self-tapping screw, lid and base
SIZE
BLACK
WHITE
LENG TH
WIDTH
HEIGHT
1
CUE8201BK
CUE8201WH*
50mm
35mm
20mm
2
CUE8202BK
CUE8202WH*
60mm
35mm
20mm
3
CUE8203BK
CUE8203WH*
80.3mm
40.3mm
20mm
4
CUE8204BK
CUE8204WH*
70mm
50mm
15mm
5
CUE8205BK
CUE8205WH*
70mm
50mm
27.5mm
6
CUE8206BK
CUE8206WH*
70mm
50mm
40mm
7
CUE8207BK
CUE8207WH*
90mm
45mm
25mm
8
CUE8208BK
CUE8208WH
105mm
70mm
20mm
9
CUE8209BK
CUE8209WH
105mm
70mm
35mm
10
CUE8210BK
CUE8210WH
105mm
70mm
50mm
11
CUE8211BK
CUE8211WH
130mm
65mm
25.6mm
12
CUE8212BK
CUE8212WH
130mm
65mm
50mm
13
CUE8213BK
CUE8213WH
80mm
80mm
20mm
14
CUE8214BK
CUE8214WH
80mm
80mm
40mm
15
CUE8215BK
CUE8215WH
170mm
85.5mm
35.4mm
16
CUE8216BK
CUE8216WH
170mm
85.5mm
60.6mm
17
CUE8217BK
CUE8217WH
220mm
110mm
45.3mm
18
CUE8218BK
CUE8218WH
220mm
110mm
75.3mm
19
CUE8219BK
CUE8219WH
125mm
125mm
25mm
20
CUE8220BK
CUE8220WH
125mm
125mm
45mm
21
CUE8221BK
CUE8221WH
175mm
125mm
25mm
22
CUE8222BK
CUE8222WH
175mm
125mm
45mm
23
CUE8223BK
CUE8223WH
175mm
125mm
65mm
24
CUE8224BK
CUE8224WH
100mm
50mm
30mm
25
CUE8225BK
CUE8225WH
50mm
50mm
15mm
26
CUE8226BK
CUE8226WH
50mm
50mm
25mm
KEY FEATURES
Scr e w f as t ening enclosur e | 26 siz es | Av ailable in whit e and black
CUE82
Silicone boots available as accessories


Similar Part No. - CUE82

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CUE83 CAMDENBOSS-CUE83 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
CUE8301 CAMDENBOSS-CUE8301 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
CUE8307 CAMDENBOSS-CUE8307 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
CUE8308 CAMDENBOSS-CUE8308 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
CUE8309 CAMDENBOSS-CUE8309 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
More results

Similar Description - CUE82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
FIBOX Enclosing innovat...
6081301 FIBOX-6081301 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081302 FIBOX-6081302 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081320 FIBOX-6081320 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081916 FIBOX-6081916 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081922 FIBOX-6081922 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081931 FIBOX-6081931 Datasheet
466Kb / 2P
Enclosure, ABS
19.01.2023
logo
CamdenBoss Ltd.
CUE83 CAMDENBOSS-CUE83 Datasheet
183Kb / 1P
83 Series Multipurpose Flanged ABS Enclosure
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com