Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSN433/12 Datasheet(PDF) 3 Page - CamdenBoss Ltd.

Part # CTSN433/12
Description  12 way ny l o n terminal strips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTSN433/12 Datasheet(HTML) 3 Page - CamdenBoss Ltd.

  CTSN433/12 Datasheet HTML 1Page - CamdenBoss Ltd. CTSN433/12 Datasheet HTML 2Page - CamdenBoss Ltd. CTSN433/12 Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
081
TERMINAL STRIPS
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
TERMINAL S TRIPS
98
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
0 95
100
151
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
158
INTERFACE
MODULES AND
RELAY BASES
Pluggable t erminal s trips
Pr oduct o v ervie w
• Moulded in natural PA6, self
extinguishing to UL94-V2
• Passes 960°C glow-wire test
according to EN 60695-2-11
• Easily cut to size
• Supplied cut to length on request
• Printing available on request
•
approved
CTSN MF
SPECIFICATION
Voltage (max
450V AC
Working temperature
-30°C to +110°C (PA6.6 to +150°C)
Moulding
UL94-V2 self extinguishing PA6
Conducting bush
Nickel-plated brass
Terminal screws
Zinc-plated steel
PART NO.
PITCH/ UL
RATING
INSERT
DIAMETER
CABLE
ACCEPTANCE
TERMINAL
SCREWS
LENG TH
WIDTH
HEIGHT
PITCH
FIXING
HOLE
DIAMETER
M AX
CURRENT
CTSN431/12MF
8mm/6A
2.9mm
4.0mm2/12AWG
M3
94mm
16mm
15.5mm
8mm
2.75mm
17.5A
CTSN433/12MF
10.25mm/10A
3.4mm
2.5mm2/14AWG
M3
119.4mm
20.5mm
16.4mm
10.25mm
3.2mm
24A
CTSN434/12MF
12.5mm/16A
4.3mm
6.0mm2/10AWG
M3.5
143mm
23.5mm
19mm
12.3mm
3.5mm
57A
S tandar d type
PART NO.
TERMINAL S TRIP
LENG TH
WIDTH
HEIGHT
CSR1
CTSN431
49.5mm
31mm
22.5mm
CSR2
CTSN433
52.5mm
31mm
22.5mm
CSR3
CTSN434
54.5mm
31mm
22.5mm
S tr ain r elief
Pr oduct o v ervie w
• Clamps external conductors in
lighting fixtures according to
EN60598
• Natural colour PA6
• Relieves strain on cables
• Prevents conductors from twisting
• Protects wire coating from abrasion
and friction
CSR
W
H
L
20
P
P
KEY FEATURES
Pluggable s tyle | Easily cut t o r equir ed siz e | V0 t o G WT 960
° C
94
8
Ø2.75
16
16
CTSN433/12MF
CTSN431/12MF
CTSN434/12MF
20.5
20.5
Ø3.2
10.2
119.4
20.5
20.5
143
8
10.2
23.5
Ø5
Vers 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com