Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUE83 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CUE83
Description  83 Series Multipurpose Flanged ABS Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CUE83 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CUE83 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
309
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
317
3 41
3 69
UNIVERSAL
PLASTIC
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DEVELOPMENT
BOARD
ENCLOSURES
VERSATILE IOT
AND SENSOR
ENCLOSURES
UNIVERS AL PLA S TIC ENCLO SURES
FM 28614
83 Series Multipurpose Flanged
ABS Enclosur e
Pr oduct o v ervie w
Multi-purpose flanged enclosure designed for
wall-mounting or surface mount devices.
• Suitable for measuring instruments,
communication devices, controllers etc
• Lid and base moulded in flame resistant ABS.
• Lid mounted by four M3 machine screws
• Excellent properties for machining
• Available in 18 sizes in white and dark grey,
UL94-V0
• 83 series has been designed to meet the
requirements of IP40
SPECIFICATION
Materials
Lid and base high impact ABS UL94-V0
Operating temperature
-10°C to +60°C
Standard colours
Off white and dark grey
Protection class
83 series has been designed to meet the requirements of IP40
Standard unit includes
Base and lid
Nickel plated screw
NB: Length includes flanges
SIZE
DARK GREY
OFF-WHITE
LENG TH
WIDTH
HEIGHT
1
CUE8301DG
CUE8301WH
70mm
35.4mm
22mm
7
CUE8307DG
CUE8307WH
111mm
45.6mm
27.5mm
8
CUE8308DG
CUE8308WH
127mm
70.6mm
20.5mm
9
CUE8309DG
CUE8309WH
127mm
70.6mm
35.5mm
10
CUE8310DG
CUE8310WH
127mm
70.6mm
50.5mm
11
CUE8311DG
CUE8311WH
150mm
65.5mm
25.5mm
12
CUE8312DG
CUE8312WH
150mm
65.5mm
50mm
13
CUE8313DG
CUE8313WH
100mm
80.6mm
23.5mm
14
CUE8314DG
CUE8314WH
100mm
80.6mm
43.5mm
15
CUE8315DG
CUE8315WH
190mm
86mm
35mm
16
CUE8316DG
CUE8316WH
190mm
86mm
60mm
17
CUE8317DG
CUE8317WH
250mm
110.3mm
45mm
18
CUE8318DG
CUE8318WH
250mm
110.3mm
75mm
19
CUE8319DG
CUE8319WH
155.6mm
125.6mm
25mm
20
CUE8320DG
CUE8320WH
155.6mm
125.6mm
45mm
21
CUE8321DG
CUE8321WH
205.6mm
125.6mm
25mm
22
CUE8322DG
CUE8322WH
205.6mm
125.6mm
45mm
23
CUE8323DG
CUE8323WH
205.6mm
125.6mm
65mm
KEY FEATURES
Flame r esis tant ABS | 18 siz es | Flanged f or w all mounting
CUE83
Vers 2


Similar Part No. - CUE83

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CUE82 CAMDENBOSS-CUE82 Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
CUE8201BK CAMDENBOSS-CUE8201BK Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
CUE8201WH CAMDENBOSS-CUE8201WH Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
CUE8202BK CAMDENBOSS-CUE8202BK Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
CUE8202WH CAMDENBOSS-CUE8202WH Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
More results

Similar Description - CUE83

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
FIBOX Enclosing innovat...
6081301 FIBOX-6081301 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081302 FIBOX-6081302 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081320 FIBOX-6081320 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081916 FIBOX-6081916 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081922 FIBOX-6081922 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081931 FIBOX-6081931 Datasheet
466Kb / 2P
Enclosure, ABS
19.01.2023
logo
CamdenBoss Ltd.
CUE82 CAMDENBOSS-CUE82 Datasheet
431Kb / 2P
82 Series Multipurpose ABS Enclosure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com