Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSN435/12WR Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CTSN435/12WR
Description  12 way ny l o n terminal strips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTSN435/12WR Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CTSN435/12WR Datasheet HTML 1Page - CamdenBoss Ltd. CTSN435/12WR Datasheet HTML 2Page - CamdenBoss Ltd. CTSN435/12WR Datasheet HTML 3Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
118
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
TERMINAL S TRIPS
158
INTERFACE
MODULES AND
RELAY BASES
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
Raised base types - provides increased isolation
PART NO.
WIRE
PROTECTION
INSERT
DIAMETER
CABLE
ACCEPTANCE
TERMINAL
SCREWS
LENG TH
WIDTH
HEIGHT
PITCH
FIXING
HOLE
DIAMETER
M AX
CURRENT
U L
RATING
CTSN431/12WR
No
3.2mm
4.0mm2/12AWG
M3
94mm
18mm
17.5mm
8mm
2.8mm
32A
20A
CTSN431/12R
Yes
3.2mm
2.5mm2/14AWG
M3
94mm
18mm
17.5mm
8mm
2.8mm
24A
20A
CTSN433/12WR
No
3.5mm
6.0mm2/10AWG
M3
116mm
21mm
18mm
10mm
2.8mm
41A
30A
CTSN433/12R
Yes
3.5mm
4.0mm2/12AWG
M3
116mm
21mm
18mm
10mm
2.8mm
32A
30A
CTSN434/12WR
No
4.4mm
10.0mm2/8AWG
M3.5
140mm
23mm
20.4mm
12mm
2.8mm
57A
50A
CTSN434/12R
Yes
4.4mm
6.0mm2/10AWG
M3.5
140mm
23mm
20.4mm
12mm
2.8mm
41A
50A
CTSN435/12WR
No
6.0mm
16.0mm2/6AWG
M4
164.5mm
29mm
26.3mm
14mm
3.6mm
76A
65A
CTSN435/12R
Yes
6.0mm
10.0mm2/8AWG
M4
164.5mm
29mm
26.3mm
14mm
3.6mm
57A
65A
Raised base
KEY FEATURES
V2 or V0 ma t erial | Easily cut t o r equir ed siz e | V0 types meet 960
° C G WT
L
W
P
3
H
Vers 2.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com