Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8176FSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8176FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8176FSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL8176FSZ Datasheet HTML 1Page - Intersil Corporation EL8176FSZ Datasheet HTML 2Page - Intersil Corporation EL8176FSZ Datasheet HTML 3Page - Intersil Corporation EL8176FSZ Datasheet HTML 4Page - Intersil Corporation EL8176FSZ Datasheet HTML 5Page - Intersil Corporation EL8176FSZ Datasheet HTML 6Page - Intersil Corporation EL8176FSZ Datasheet HTML 7Page - Intersil Corporation EL8176FSZ Datasheet HTML 8Page - Intersil Corporation EL8176FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN7436.6
October 26, 2006
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V, 1V/µs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Current into IN+, IN-, and ENABLE . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.5V to VS+0.5V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = 5V, 0V, VCM = 0.1V, VO = 1.4V, VENH = 2.0V, VENL = 0.8V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
8 Ld SO
-100
±
25
100
µV
-220
220
µV
6 Ld SOT-23
-350
±
80
350
µV
-350
350
µV
Long Term Input Offset
Voltage Stability
2.4
µV/Mo
Input Offset Drift vs
Temperature
0.7
µV/°C
IOS
Input Offset Current
-1
±
0.4
1
nA
-4
4
nA
IB
Input Bias Current
-2
±
0.5
2
nA
-5
5
nA
eN
Input Noise Voltage
Peak-to-Peak
f = 0.1Hz to 10Hz
1
µVPP
Input Noise Voltage Density
fO = 1kHz
25
nV/
√Hz
iN
Input Noise Current Density
fO = 1kHz
0.1
pA/
√Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common-Mode Rejection
Ratio
VCM = 0V to 5V
90
110
dB
90
dB
PSRR
Power Supply Rejection Ratio VS = 2.4V to 5V
90
110
dB
90
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
200
500
V/mV
200
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
25
V/mV
VOUT
Maximum Output Voltage
Swing
VOL; Output low, RL = 100kΩ
38
mV
10
mV
VOL; Output low, RL = 1kΩ
130
200
mV
300
mV
VOH; Output high, RL = 100kΩ
4.994
4.997
V
4.992
V
VOH; Output high, RL = 1kΩ
4.750
4.867
V
4.7
V
ΔV
OS
ΔTime
------------------
ΔV
OS
ΔT
----------------
EL8176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com