Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4K Datasheet(PDF) 5 Page - TiMOTION Technology Co. Ltd.

Part # TL4K
Description  Max. load 600N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL4K Datasheet(HTML) 5 Page - TiMOTION Technology Co. Ltd.

  TL4K Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL4K Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL4K Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL4K Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL4K Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TL4K Ordering Key Appendix
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
Stroke & Retracted Length (mm)
Foot Assembly
Standard, for foot (excluding foot)
Extended outer tube for shoe
(excluding shoe)
Note
1 Only specific TEK could be with the shoes, please refer to TEK speccode
Foot Assembly
Stroke & Retracted Length
Standard
M
S
Standard, for Foot
(Excluding Foot)
650 / 590
660 / 560
660 / 520
Extended Outer Tube for Shoe
(Excluding Shoe)
650 / 610
660 / 580
660 / 540
1 = DIN 6P, 90° plug
Connector
F = Molex 8P, 90° plug, without anti-
clip, for TC22 / TC23
E = Molex 8P, 180° plug, standard
Bracket
Standard direction
Back
Right
Left



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com