Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8188FSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8188FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8188FSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL8188FSZ Datasheet HTML 1Page - Intersil Corporation EL8188FSZ Datasheet HTML 2Page - Intersil Corporation EL8188FSZ Datasheet HTML 3Page - Intersil Corporation EL8188FSZ Datasheet HTML 4Page - Intersil Corporation EL8188FSZ Datasheet HTML 5Page - Intersil Corporation EL8188FSZ Datasheet HTML 6Page - Intersil Corporation EL8188FSZ Datasheet HTML 7Page - Intersil Corporation EL8188FSZ Datasheet HTML 8Page - Intersil Corporation EL8188FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN7467.3
February 22, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS) and Pwr-up Ramp Rate . . . . . . . . 5.5V, 1V/µs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Current into IN+, IN-, and ENABLE . . . . . . . . . . . . . . . . . . . . . . 5mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
ESD tolerance, Human Body Model . . . . . . . . . . . . . . . . . . . TBDkV
ESD tolerance, Machine Model . . . . . . . . . . . . . . . . . . . . . . . TBDV
Thermal Resistance
θJA (°C/W)
6 Ld SOT Package . . . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Ambient Operating Temperature Range . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = 5V, VS- = 0V, VCM = 0.1V, VO = 1.4V, TA = +25°C unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
SOT
1
4
mV
Long Term Input Offset Voltage
Stability
1.2
µV/Mo
Input Offset Drift vs Temperature
1.1
2.1
µV/°C
IB
Input Bias Current
-15
2
15
pA
-600
600
pA
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
2.8
µVP-P
Input Noise Voltage Density
fO = 1kHz
48
nV/
√Hz
iN
Input Noise Current Density
fO = 1kHz
0.15
pA/
√Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
100
dB
75
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5V
80
100
dB
80
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V,
RL = 100kΩ to (VS+ + VS-)/2
100
400
V/mV
100
V/mV
VO = 0.5V to 4.5V,
RL = 1kΩ to (VS+ + VS-)/2
15
V/mV
VOUT
Maximum Output Voltage Swing
VOL; Output low,
RL = 100kΩ to (VS+ + VS-)/2
38
mV
10
mV
VOL; Output low,
RL = 1kΩ to (VS+ + VS-)/2
130
200
mV
300
mV
VOH; Output high,
RL = 100kΩ to (VS+ + VS-)/2
4.994
4.997
V
4.992
V
VOH; Output high,
RL = 1kΩ to (VS+ + VS-)/2
4.750
4.867
V
4.7
V
SR
Slew Rate
0.05
0.13
0.25
V/µs
GBWP
Gain Bandwidth Product
fO = 100kHz
266
kHz
ΔV
OS
ΔTime
------------------
ΔV
OS
ΔT
----------------
EL8188



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com